Electronic Components Datasheet Search
  English  ▼

X  

MIPAQ Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # MIPAQ
Description  Infi neon?셲 functional IGBT module family
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MIPAQ Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button MIPAQ Datasheet HTML 2Page - Infineon Technologies AG MIPAQ Datasheet HTML 3Page - Infineon Technologies AG MIPAQ Datasheet HTML 4Page - Infineon Technologies AG MIPAQ Datasheet HTML 5Page - Infineon Technologies AG MIPAQ Datasheet HTML 6Page - Infineon Technologies AG MIPAQ Datasheet HTML 7Page - Infineon Technologies AG MIPAQ Datasheet HTML 8Page - Infineon Technologies AG MIPAQ Datasheet HTML 9Page - Infineon Technologies AG MIPAQ Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Driver Electronics Inside
deSIGnInG A PROPeR CIRCuIT to drive a given IGBT module is one of the tasks
that have to be done repeatedly binding resources, taking time and effort. This
not only relates to choosing components and routing a layout, it also needs to be
tested to the full extent to guarantee its function under all relevant module opera-
ting conditions. This time consuming process is eliminated as the MIPAQ™ serve
already includes the 100% tested IGBT driver with the following characteristics:
GAlVAnIC ISOlATIOn is achieved by implemented Coreless Transformer
Technology (ClT). Short circuit is detected utilizing desaturation recognition.
error signals are generated in case of undervoltage or short circuit. The internal
nTC is used to capture the base plate’s temperature. The signal generated is
transported to the logic via Coreless Transformer as well providing a galvanic
separation for the temperature measurement. The isolation achieved with ClT
today qualifies as functional isolation.
TO eASe ACCeSS to the device, the interface consists of connectors according
to industrial standards. They are used to connect the gate driver supply voltages
as well as the logic supply, control and error signals.
I
Proper driving of the IGBT by
applying a sufficient gate pulse
I
Turn off with negative gate voltage
I
5V logic supply and 5V-CMOS-
compatible
I
Galvanic isolation towards the
control electronics
I
Short circuit protection
I
undervoltage lockout
I
Active Miller clamping
I
error signal generation in case
of failures
I
fully digital temperature measure-
ment utilizing the internal nTC
Key Benefits
I
econoPACK™ 4 packa-
ge
plus driver on top
saves board space in
the application
I
up to 200A nominal
current
I
designed for robust-
ness: ultrasonic
welding technology;
Injection molded
dC-bus-bar, control pins
and power terminals
I
highly sophisticated
ClT included leads to
improved system relia-
bility due to eliminati-
on of optoelectronics
I
True baseplate tempe-
rature measurement
providing digital infor-
mation to the user –
galvanically separated
I
Increasing both output
power and efficiency
due to optimized dead
time
I
Industrial standard
connectors
I
Plug & play solution
for high current drives
I
150°C operation junc-
tion temperature
I
RohS compliant



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com