Electronic Components Datasheet Search
  English  ▼

X  

STP11NK40ZFP Datasheet(PDF) 10 Page - STMicroelectronics

Part # STP11NK40ZFP
Description  N-channel 400 V, 0.49 Ω, 9 A, TO-220, TO-220FP, D2PAK Zener-protected SuperMESH™ Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP11NK40ZFP Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STP11NK40ZFP Datasheet HTML 6Page - STMicroelectronics STP11NK40ZFP Datasheet HTML 7Page - STMicroelectronics STP11NK40ZFP Datasheet HTML 8Page - STMicroelectronics STP11NK40ZFP Datasheet HTML 9Page - STMicroelectronics STP11NK40ZFP Datasheet HTML 10Page - STMicroelectronics STP11NK40ZFP Datasheet HTML 11Page - STMicroelectronics STP11NK40ZFP Datasheet HTML 12Page - STMicroelectronics STP11NK40ZFP Datasheet HTML 13Page - STMicroelectronics STP11NK40ZFP Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Test circuits
STB11NK40Z, STP11NK40ZFP, STP11NK40Z
10/17
Doc ID 8936 Rev 7
3
Test circuits
Figure 17.
Switching times test circuit for
resistive load
Figure 18.
Gate charge test circuit
Figure 19.
Test circuit for inductive load
switching and diode recovery times
Figure 20.
Unclamped inductive load test
circuit
Figure 21.
Unclamped inductive waveform
Figure 22.
Switching time waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com