Electronic Components Datasheet Search
  English  ▼

X  

LT3748HMSPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LT3748HMSPBF
Description  100V Isolated Flyback Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3748HMSPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3748HMSPBF Datasheet HTML 2Page - Linear Technology LT3748HMSPBF Datasheet HTML 3Page - Linear Technology LT3748HMSPBF Datasheet HTML 4Page - Linear Technology LT3748HMSPBF Datasheet HTML 5Page - Linear Technology LT3748HMSPBF Datasheet HTML 6Page - Linear Technology LT3748HMSPBF Datasheet HTML 7Page - Linear Technology LT3748HMSPBF Datasheet HTML 8Page - Linear Technology LT3748HMSPBF Datasheet HTML 9Page - Linear Technology LT3748HMSPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LT3748
6
3748fa
PIN FUNCTIONS
VIN (Pin 1) Input Voltage. This pin supplies current to the
internal start-up circuitry and is the reference voltage for
the feedback circuitry connected to the RFB pin. This pin
must be locally bypassed with a capacitor.
EN/UVLO (Pin 3): Enable/Undervoltage Lockout. A resistor
divider connected to VIN is tied to this pin to program the
minimum input voltage at which the LT3748 will operate.
At a voltage below ~0.5V, the part draws less than 1μA
quiescent current. When below 1.223V but above ~0.5V,
the part will draw quiescent current but will not regulate
the INTVCC supply or power the gate drive circuitry. Above
1.223V, all internal circuitry will start and the SS pin will
source 5μA. When EN/UVLO falls below 1.223V, 2.4μA is
sunk from the pin to provide programmable hysteresis
for undervoltage lockout.
INTVCC (Pin 5): Gate Driver Bias Voltage. This pin supplies
current to the internal gate driver circuitry of the LT3748.
The INTVCC pin must be locally bypassed with a capacitor.
This pin may also be connected to VIN if a third winding
is not used and if VIN ≤ 20V. If a third winding is used, the
INTVCC voltage should be lower than the input voltage for
proper operation.
GATE (Pin 6): N-Channel MOSFET Gate Driver Output.
Switches between INTVCC and GND.
SENSE (Pin 7): The Current Sense Input for the Control
Loop. Kelvin connect this pin to the positive terminal of
the switch current sense resistor, RSENSE, in the source
of the N-channel MOSFET. The negative terminal of the
current sense resistor should be connected to the GND
plane close to the IC.
GND (Pins 8, 9): Ground.
SS (Pin 10): Soft-Start Pin. This pin delays start-up and
clamps VC pin voltage. Soft-start timing is set by the size
of the external capacitor at the pin. Switching starts when
VSS reaches ~0.65V.
VC (Pin 11): Compensation Pin for the Internal Error
Amplifier. Connect a series RC from this pin to ground to
compensate the switching regulator. A 100pF capacitor in
parallel helps eliminate noise.
TC (Pin 12): Output Voltage Temperature Compensation.
Connect a resistor to ground to produce a current pro-
portional to absolute temperature to be sourced into the
RREF node. ITC = 0.55V/RTC.
RREF (Pin 14): Input Pin for the External Ground-Referred
Reference Resistor. The resistor at this pin should be 6.04k,
but for convenience in selecting a resistor divider ratio,
the value may range from 5.76k to 6.34k. The resistor
should be as close to the LT3748 as possible.
RFB (Pin 16): Input Pin for the External Feedback Resistor.
This pin is connected to the transformer primary at the
external MOSFET power switch. The ratio of this resistor
to the RREF resistor, times the internal bandgap reference,
determines the output voltage (plus the effect of any
non-unity transformer turns ratio). The average current
through this resistor during the flyback period should be
approximately 200μA. The resistor should be as close
to the LT3748 as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com