Electronic Components Datasheet Search
  English  ▼

X  

LTM8062EVPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTM8062EVPBF
Description  32VIN, 2A 關Module Power Tracking Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8062EVPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTM8062EVPBF Datasheet HTML 6Page - Linear Technology LTM8062EVPBF Datasheet HTML 7Page - Linear Technology LTM8062EVPBF Datasheet HTML 8Page - Linear Technology LTM8062EVPBF Datasheet HTML 9Page - Linear Technology LTM8062EVPBF Datasheet HTML 10Page - Linear Technology LTM8062EVPBF Datasheet HTML 11Page - Linear Technology LTM8062EVPBF Datasheet HTML 12Page - Linear Technology LTM8062EVPBF Datasheet HTML 13Page - Linear Technology LTM8062EVPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTM8062
10
8062f
APPLICATIONS INFORMATION
Figure 3. Resistive Divider Sets Minimum VIN
Reverse Protection Diode
The LTM8062 integrates a high voltage power Schottky
diode to provide input reverse voltage protection. The
anode of this diode is connected to VINA, and the cathode
is connected to VIN. There is a small mount of capacitance
at each end; please see the Block Diagram.
Input Supply Voltage Regulation
The LTM8062 contains a voltage monitor pin that enables
programming a minimum operational voltage. Connect-
ing a resistor divider from VIN to the VINREG pin enables
programming of minimum input supply voltage, typically
used to program the peak power voltage for a solar panel.
Maximum charge current is reduced when the VINREG pin
is below the regulation threshold of 2.7V.
If the VINREG function is not used, and if the input supply
cannot provide enough power to satisfy the requirements
of an LTM8062 charger, the input supply voltage will col-
lapse. A minimum operating supply voltage can thus be
programmed by monitoring the supply through a resistor
divider, such that the desired minimum voltage corresponds
to 2.7V at the VINREG pin. The LTM8062 servos the maxi-
mum output charge current to maintain the voltage on
VINREG at or above 2.7V.
Programming of the desired minimum voltage is ac-
complished by connecting a resistor divider as shown in
Figure 3. The ratio of RIN1/RIN2 for a desired minimum
voltage (VIN(MIN)) is:
RIN1/RIN2 = (VIN(MIN)/2.7) – 1
If the voltage regulation feature is not used, connect the
VINREG pin to VIN.
VIN
VINREG
8062 F03
LTM8062
INPUT SUPPLY
RIN1
RIN2
For most applications, the design process is straight
forward, summarized as follows:
1. Look at Table 1 and find the row that has the desired
input voltage range and battery float voltage.
2. Apply the recommended CIN and RADJ values.
3. Connect BIAS as indicated.
While these component combinations have been tested
for proper operation, it is incumbent upon the user to
verify proper operation over the intended system’s line,
load and environmental conditions. Bear in mind that the
maximum output current is limited by junction tempera-
ture, the relationship between the input and output voltage
magnitude and polarity and other factors. Please refer to
the graphs in the Typical Performance Characteristics
section for guidance.
Table 1. Recommended Component Values and Configuration
(TA = 25°C)
VIN RANGE (V)* VBAT (V)
CIN
RADJ1
TOP
(kΩ)
RADJ2
BOTTOM
(kΩ)
6 to 32
3.6
4.7μF 1206 X7R 50V
274
2870
6 to 32
4.1
4.7μF 1206 X7R 50V
312
1260
6 to 32
4.2
4.7μF 1206 X7R 50V
320
1150
6.25 to 32
4.7
4.7μF 1206 X7R 50V
357
835
9.5 to 32
7.05
4.7μF 1206 X7R 50V
530
464
9.75 to 32
7.2
4.7μF 1206 X7R 50V
549
459
11 to 32
8.2
4.7μF 1206 X7R 50V
626
417
11.5 to 32
8.4
4.7μF 1206 X7R 50V
642
412
12.75 to 32
9.4
4.7μF 1206 X7R 50V
715
383
16.5 to 32
12.3
4.7μF 1206 X7R 50V
942
344
17 to 32
12.6
4.7μF 1206 X7R 50V
965
340
18.25 to 32
13.5
4.7μF 1206 X7R 50V
1020
328
19 to 32
14.08
4.7μF 1206 X7R 50V
1090
332
19.5 to 32
14.42
4.7μF 1206 X7R 50V
1110
328
* Input bulk capacitance is required.
VIN Input Supply
The LTM8062 is biased directly from the charger input sup-
ply through the VIN pin. This pin provides large switched
currents, so a high quality low ESR decoupling capacitor is
recommended to minimize voltage glitches on VIN. 4.7μF
is typically adequate for most charger applications.
BIAS Pin Considerations
The BIAS pin is used to provide drive power for the in-
ternal power switching stage and operate other internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com