Electronic Components Datasheet Search
  English  ▼

X  

STP11NM80 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP11NM80
Description  N-channel 800 V, 0.35 Ω, 11 A MDmesh™Power MOSFET TO-220, TO-220FP, D2PAK, TO-247
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP11NM80 Datasheet(HTML) 1 Page - STMicroelectronics

  STP11NM80_10 Datasheet HTML 1Page - STMicroelectronics STP11NM80_10 Datasheet HTML 2Page - STMicroelectronics STP11NM80_10 Datasheet HTML 3Page - STMicroelectronics STP11NM80_10 Datasheet HTML 4Page - STMicroelectronics STP11NM80_10 Datasheet HTML 5Page - STMicroelectronics STP11NM80_10 Datasheet HTML 6Page - STMicroelectronics STP11NM80_10 Datasheet HTML 7Page - STMicroelectronics STP11NM80_10 Datasheet HTML 8Page - STMicroelectronics STP11NM80_10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
March 2010
Doc ID 9241 Rev 10
1/17
17
STB11NM80, STF11NM80
STP11NM80, STW11NM80
N-channel 800 V, 0.35
Ω, 11 A MDmesh™ Power MOSFET
TO-220, TO-220FP, D2PAK, TO-247
Features
■ Low input capacitance and gate charge
■ Low gate input resistance
■ Best RDS(on)*Qg in the industry
Application
■ Switching applications
Description
The MDmesh™ associates the multiple drain
process with the company’s PowerMesh™
horizontal layout assuring an outstanding low on-
resistance. The adoption of the company’s
proprietary strip technique yields overall dynamic
performance that is significantly better than that of
similar competition’s products.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
RDS(on)*Qg
ID
STB11NM80
800 V
< 0.40 Ω
14
Ω*nC
11 A
STF11NM80
STP11NM80
STW11NM80
TO-247
D²PAK
TO-220
TO-220FP
1
2
3
1
3
1
2
3
1
2
3
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB11NM80
B11NM80
D²PAK
Tape and reel
STF11NM80
F11NM80
TO-220FP
Tube
STP11NM80
P11NM80
TO-220
STW11NM80
W11NM80
TO-247
www.st.com


Similar Part No. - STP11NM80_10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP11NM80 STMICROELECTRONICS-STP11NM80 Datasheet
582Kb / 14P
N-CHANNEL 800V - 0.35ohm - 11A TO-220/FP/D2PAK/TO-247 MDmesh Power MOSFET
20-Oct-2005
STP11NM80 STMICROELECTRONICS-STP11NM80 Datasheet
467Kb / 17P
N-channel 800 V - 0.35 廓 - 11 A - TO-220/FP- D2PAK - TO-247 MDmesh??Power MOSFET
20-Dec-2007
STP11NM80 STMICROELECTRONICS-STP11NM80 Datasheet
908Kb / 22P
N-channel 800 V, 0.35 Ω, 11 A MDmesh™ Power MOSFET in D²PAK, TO-220FP, I²PAK, TO-220, TO-247
12-Sep-2011
logo
Inchange Semiconductor ...
STP11NM80 ISC-STP11NM80 Datasheet
331Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP11NM80_10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB11NM80 STMICROELECTRONICS-STB11NM80_07 Datasheet
467Kb / 17P
N-channel 800 V - 0.35 廓 - 11 A - TO-220/FP- D2PAK - TO-247 MDmesh??Power MOSFET
20-Dec-2007
STB16NM50N STMICROELECTRONICS-STB16NM50N Datasheet
554Kb / 18P
N-channel 500 V - 0.21 Ω - 15 A MDmesh??II Power MOSFET D2PAK - I2PAK - TO-220 - TO-247- TO-220FP
04-Mar-2008
STB13NM50N STMICROELECTRONICS-STB13NM50N_08 Datasheet
573Kb / 18P
N-channel 500 V - 0.250 Ω - 12 A MDmesh??II Power MOSFET TO-220 - TO-247 - TO-220FP - I2PAK - D2PAK
04-Mar-2008
STB14NM65N STMICROELECTRONICS-STB14NM65N Datasheet
550Kb / 18P
N-channel 650 V, 0.33 Ω, 12 A MDmesh??II Power MOSFET TO-220, TO-220FP, D2PAK, I2PAK, TO-247
14-Oct-2008
STB30NM60N STMICROELECTRONICS-STB30NM60N_08 Datasheet
768Kb / 18P
N-channel 600 V, 0.1 廓, 25 A, MDmesh??II Power MOSFET TO-220, TO-220FP, TO-247, D2PAK, I2PAK
09-Jul-2008
STX25NM50N STMICROELECTRONICS-STX25NM50N Datasheet
616Kb / 18P
N-channel 500 V, 0.11 Ω, 22 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
17-Nov-2008
STP30NM50N STMICROELECTRONICS-STP30NM50N Datasheet
628Kb / 18P
N-channel 500 V, 0.090 廓, 27 A MDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
23-Sep-2008
STB11NM80 STMICROELECTRONICS-STB11NM80_V01 Datasheet
908Kb / 22P
N-channel 800 V, 0.35 Ω, 11 A MDmesh™ Power MOSFET in D²PAK, TO-220FP, I²PAK, TO-220, TO-247
12-Sep-2011
STB13N80K5 STMICROELECTRONICS-STB13N80K5_V01 Datasheet
1Mb / 23P
N-channel 800 V, 0.37 Ω typ., 12 A MDmesh™ K5 Power MOSFETs in D²PAK, TO-220FP, TO-220 and TO-247
25-Sep-2017
STD5NM60 STMICROELECTRONICS-STD5NM60_V01 Datasheet
558Kb / 18P
N-channel 650 V@Tjmax, 0.9 Ω, 8 A MDmesh™ Power MOSFET TO-220, TO-220FP, D2PAK, DPAK, IPAK
01-Oct-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com