Electronic Components Datasheet Search
  English  ▼

X  

STB9NK90Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB9NK90Z
Description  N-channel 900 V, 1.1 Ω, 8 A, TO-220, TO-220FP, D2PAK, TO-247 Zener-protected SuperMESH™Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB9NK90Z Datasheet(HTML) 1 Page - STMicroelectronics

  STB9NK90Z_10 Datasheet HTML 1Page - STMicroelectronics STB9NK90Z_10 Datasheet HTML 2Page - STMicroelectronics STB9NK90Z_10 Datasheet HTML 3Page - STMicroelectronics STB9NK90Z_10 Datasheet HTML 4Page - STMicroelectronics STB9NK90Z_10 Datasheet HTML 5Page - STMicroelectronics STB9NK90Z_10 Datasheet HTML 6Page - STMicroelectronics STB9NK90Z_10 Datasheet HTML 7Page - STMicroelectronics STB9NK90Z_10 Datasheet HTML 8Page - STMicroelectronics STB9NK90Z_10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
May 2010
Doc ID 9479 Rev 7
1/17
17
STB9NK90Z, STF9NK90Z
STP9NK90Z, STW9NK90Z
N-channel 900 V, 1.1
Ω, 8 A, TO-220, TO-220FP, D2PAK, TO-247
Zener-protected SuperMESH™ Power MOSFET
Features
Extremely high dv/dt capability
100% avalanche tested
Gate charge minimized
Application
Switching applications
Description
The SuperMESH™ series is obtained through an
optimization of STMicroelectronics’ well-
established strip-based PowerMESH™ layout. In
addition to pushing on-resistance significantly
lower, it also ensures very good dv/dt capability
for the most demanding applications. This series
complement STs’ full range of high voltage power
MOSFETs.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max.
ID
Pw
STB9NK90Z
900V
<1.3
8A
160 W
STW9NK90Z
160 W
STP9NK90Z
160 W
STF9NK90Z
40 W
1
2
3
1
3
1
2
3
TO-220
D²PAK
TO-247
TO-220FP
1
2
3
D(2)
G(1)
S(3)
AM01476v1
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB9NK90Z
B9NK90
D²PAK
Tape and reel
STF9NK90Z
F9NK90Z
TO-220FP
Tube
STP9NK90Z
P9NK90Z
TO-220
STW9NK90Z
W9NK90Z
TO-247
www.st.com


Similar Part No. - STB9NK90Z_10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB9NK90Z STMICROELECTRONICS-STB9NK90Z Datasheet
577Kb / 16P
N-CHANNEL 900V - 1.1Ohm - 8A - TO-220/FP-D2PAK-TO-247 Zener-Protected SuperMESH MOSFET
20-Jul-2006
logo
Inchange Semiconductor ...
STB9NK90Z ISC-STB9NK90Z Datasheet
346Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STB9NK90Z_10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP5NK100Z STMICROELECTRONICS-STP5NK100Z Datasheet
435Kb / 16P
N-channel 1000V - 2.7??- 3.5A - TO-220/TO-220FP/TO-247 Zener-protected SuperMESH??Power MOSFET
16-Aug-2006
STP6NK90Z STMICROELECTRONICS-STP6NK90Z_07 Datasheet
483Kb / 18P
N-channel 900V - 1.56Ω - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH??Power MOSFET
10-Apr-2007
STB10NK60Z STMICROELECTRONICS-STB10NK60Z_08 Datasheet
860Kb / 19P
N-channel 650 V, 0.65 廓, 10 A, SuperMESH??Power MOSFET Zener-protected I2PAK, D2PAK, TO-220, TO-220FP, TO-247
17-Nov-2008
STB13NK60ZT4 STMICROELECTRONICS-STB13NK60ZT4 Datasheet
497Kb / 18P
N-channel 600 V, 0.48 Ω, 13 A, TO-220, TO-220FP, D2PAK TO-247 Zener-protected SuperMESH??Power MOSFET
15-Apr-2009
STB20NK50Z STMICROELECTRONICS-STB20NK50Z_09 Datasheet
613Kb / 18P
N-channel 500 V, 0.23 Ω, 17 A SuperMESH™Power MOSFET Zener-protected TO-220, TO-247, TO-220FP, D2PAK
26-Nov-2009
STF16NK60Z STMICROELECTRONICS-STF16NK60Z Datasheet
751Kb / 15P
N-channel 600 V, 038 Ω, 14 A, TO-220, TO-220FP, TO-247 Zener-protected SuperMESH™Power MOSFET
04-Dec-2009
STP21N90K5 STMICROELECTRONICS-STP21N90K5 Datasheet
998Kb / 22P
N-channel 900 V, 0.25 廓 typ., 18.5 A Zener-protected SuperMESH??5 Power MOSFET in a D2PAK, TO-220FP, TO-220 and TO-247 packages
12-Oct-2012
STP13NK60ZT4 STMICROELECTRONICS-STP13NK60ZT4 Datasheet
495Kb / 18P
N-channel 600 V, 0.48, 13 A, TO-220, TO-220FP, D2PAK TO-247 Zener-protected SuperMESH Power MOSFET
15-Apr-2009
STB12NK80Z STMICROELECTRONICS-STB12NK80Z_V01 Datasheet
695Kb / 22P
N-channel 800 V, 0.65Ω typ., 10.5 A Zener-protected SuperMESH™ Power MOSFET in D2PAK, TO-220FP, TO-220 and TO-247
28-Aug-2012
STP10NK80Z STMICROELECTRONICS-STP10NK80Z_V01 Datasheet
444Kb / 17P
N-channel 800 V, 0.78 Ω, 9 A Zener-protected SuperMESH™ Power MOSFETs in TO-220, TO-220FP and TO-247 packages
15-Mar-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com