Electronic Components Datasheet Search
  English  ▼

X  

STV223X Datasheet(PDF) 58 Page - STMicroelectronics

Part # STV223X
Description  I²C bus-controlled multistandard single chip TV processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV223X Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STV223X Datasheet HTML 54Page - STMicroelectronics STV223X Datasheet HTML 55Page - STMicroelectronics STV223X Datasheet HTML 56Page - STMicroelectronics STV223X Datasheet HTML 57Page - STMicroelectronics STV223X Datasheet HTML 58Page - STMicroelectronics STV223X Datasheet HTML 59Page - STMicroelectronics STV223X Datasheet HTML 60Page - STMicroelectronics STV223X Datasheet HTML 61Page - STMicroelectronics STV223X Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 86 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STV224X, STV228X, STV223X - INPUT/OUTPUT SCHEMATIC DIAGRAMS
58/86
8 INPUT/OUTPUT SCHEMATIC DIAGRAMS
Figure 20. Ground and Supply Voltages
Figure 21. Main Audio Output
VCCD (5 V)
Pin 53 (SDIP56)
VCCIF (5 V)
Pin 12 (SDIP56)
VCC2 (8 V)
Pin 17 (SDIP56)
VCC1 (8 V)
Pin 45 (SDIP56)
GNDD
Pin 54 (SDIP56)
GNDIF
Pin 10 (SDIP56)
GND2
Pin 19 (SDIP56)
GND1
Pin 43 (SDIP56)
VCC2 (8V)
GNDIF
GNDIF
GNDIF
GNDIF
50
Ω
AUDIOOUT
Pin 55 (SDIP56)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com