Electronic Components Datasheet Search
  English  ▼

X  

STP16NK60Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP16NK60Z
Description  N-channel 600 V, 038 Ω, 14 A, TO-220, TO-220FP, TO-247 Zener-protected SuperMESH™Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16NK60Z Datasheet(HTML) 1 Page - STMicroelectronics

  STP16NK60Z Datasheet HTML 1Page - STMicroelectronics STP16NK60Z Datasheet HTML 2Page - STMicroelectronics STP16NK60Z Datasheet HTML 3Page - STMicroelectronics STP16NK60Z Datasheet HTML 4Page - STMicroelectronics STP16NK60Z Datasheet HTML 5Page - STMicroelectronics STP16NK60Z Datasheet HTML 6Page - STMicroelectronics STP16NK60Z Datasheet HTML 7Page - STMicroelectronics STP16NK60Z Datasheet HTML 8Page - STMicroelectronics STP16NK60Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
December 2009
Doc ID 10249 Rev 5
1/15
15
STF16NK60Z
STP16NK60Z, STW16NK60Z
N-channel 600 V, 038
Ω, 14 A, TO-220, TO-220FP, TO-247
Zener-protected SuperMESH™ Power MOSFET
Features
■ 100% avalanche tested
■ Extremely high dv/dt capability
■ Gate charge minimized
■ Very low intrinsic capacitances
■ Very good manufacturing repeatability
Application
■ Switching applications
Description
The new SuperMESH™ series of Power
MOSFETS is the result of further design
improvements on ST's well-established strip-
based PowerMESH™ layout. In addition to
significantly lower on-resistance, the device offers
superior dv/dt capability to ensure optimal
performance even in the most demanding
applications. The SuperMESH™ devices further
complement an already broad range of innovative
high voltage MOSFETs, which includes the
revolutionary MDmesh™ products.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
ID
Pw
STF16NK60Z
600 V
< 0.42
Ω 14 A(1)
1.
Limited by package.
40 W
STP16NK60Z
600 V
< 0.42
Ω
14 A
190 W
STW16NK60Z
600 V
< 0.42
Ω
14 A
190 W
1
2
3
1
2
3
1
2
3
TO-220FP
TO-220
TO-247
D(2)
G(1)
S(3)
AM01476v1
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STF16NK60Z
F16NK60Z
TO-220FP
Tube
STP16NK60Z
P16NK60Z
TO-220
STW16NK60Z
W16NK60Z
TO-247
www.st.com


Similar Part No. - STP16NK60Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP16NK60Z STMICROELECTRONICS-STP16NK60Z Datasheet
283Kb / 11P
N-CHANNEL 600V - 0.38??- 14A TO-220 / I2SPAK / TO-247 Zener-Protected SuperMESH??MOSFET
Mar-2004
STP16NK60Z STMICROELECTRONICS-STP16NK60Z Datasheet
233Kb / 10P
N-CHANNEL 600V - 0.38 - 14 A TO-220 /I2SPAK/TO-247 Zener - Protecdet SuperMESH??MOSFET
06-Sep-2005
logo
VBsemi Electronics Co.,...
STP16NK60Z VBSEMI-STP16NK60Z Datasheet
1Mb / 8P
N-Channel 650 V (D-S) MOSFET
logo
Inchange Semiconductor ...
STP16NK60Z ISC-STP16NK60Z Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP16NK60Z-S STMICROELECTRONICS-STP16NK60Z-S Datasheet
283Kb / 11P
N-CHANNEL 600V - 0.38??- 14A TO-220 / I2SPAK / TO-247 Zener-Protected SuperMESH??MOSFET
Mar-2004
More results

Similar Description - STP16NK60Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP10NK80Z STMICROELECTRONICS-STP10NK80Z Datasheet
458Kb / 11P
N-CHANNEL 800V - 0.78ohm - 9A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH™ Power MOSFET
Feb-2003
STP5NK100Z STMICROELECTRONICS-STP5NK100Z Datasheet
435Kb / 16P
N-channel 1000V - 2.7??- 3.5A - TO-220/TO-220FP/TO-247 Zener-protected SuperMESH??Power MOSFET
16-Aug-2006
STP8NK80Z STMICROELECTRONICS-STP8NK80Z_07 Datasheet
419Kb / 15P
N-channel 800V - 1.3Ω - 6.2A - TO-220 /TO-220FP/TO-247 Zener-protected SuperMESH??Power MOSFET
02-Jul-2007
STB13NK60ZT4 STMICROELECTRONICS-STB13NK60ZT4 Datasheet
497Kb / 18P
N-channel 600 V, 0.48 Ω, 13 A, TO-220, TO-220FP, D2PAK TO-247 Zener-protected SuperMESH??Power MOSFET
15-Apr-2009
STB20NK50Z STMICROELECTRONICS-STB20NK50Z_09 Datasheet
613Kb / 18P
N-channel 500 V, 0.23 Ω, 17 A SuperMESH™Power MOSFET Zener-protected TO-220, TO-247, TO-220FP, D2PAK
26-Nov-2009
STB9NK90Z STMICROELECTRONICS-STB9NK90Z_10 Datasheet
997Kb / 17P
N-channel 900 V, 1.1 Ω, 8 A, TO-220, TO-220FP, D2PAK, TO-247 Zener-protected SuperMESH™Power MOSFET
19-May-2010
STP12NK60Z STMICROELECTRONICS-STP12NK60Z_09 Datasheet
841Kb / 15P
N-channel 650 V @Tjmax, 0.53 Ω, 10 A TO-220, TO-220FP, TO-247 Zener-protected SuperMESH??Power MOSFET
13-Oct-2009
STP13NK60ZT4 STMICROELECTRONICS-STP13NK60ZT4 Datasheet
495Kb / 18P
N-channel 600 V, 0.48, 13 A, TO-220, TO-220FP, D2PAK TO-247 Zener-protected SuperMESH Power MOSFET
15-Apr-2009
STF10NK60Z STMICROELECTRONICS-STF10NK60Z Datasheet
275Kb / 13P
N-channel 600 V, 0.65 Ω, 10 A, SuperMESH™ Power MOSFET Zener-protected TO-220FP narrow leads
04-Nov-2009
STP10NK80Z STMICROELECTRONICS-STP10NK80Z_V01 Datasheet
444Kb / 17P
N-channel 800 V, 0.78 Ω, 9 A Zener-protected SuperMESH™ Power MOSFETs in TO-220, TO-220FP and TO-247 packages
15-Mar-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com