Electronic Components Datasheet Search
  English  ▼

X  

L9950TR Datasheet(PDF) 26 Page - STMicroelectronics

Part # L9950TR
Description  Door actuator driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9950TR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L9950TR Datasheet HTML 22Page - STMicroelectronics L9950TR Datasheet HTML 23Page - STMicroelectronics L9950TR Datasheet HTML 24Page - STMicroelectronics L9950TR Datasheet HTML 25Page - STMicroelectronics L9950TR Datasheet HTML 26Page - STMicroelectronics L9950TR Datasheet HTML 27Page - STMicroelectronics L9950TR Datasheet HTML 28Page - STMicroelectronics L9950TR Datasheet HTML 29Page - STMicroelectronics L9950TR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
Functional description of the SPI
L9950 - L9950XP
26/39
Doc ID 10311 Rev 10
4.8
Test mode
The test mode can be entered by rising the CSN input to a voltage higher than 7.0 V. In the
test mode the inputs CLK, DI, PWM1/2 and the internal 2 MHz CLK can be multiplexed to
data output DO for testing purpose. Furthermore the over-current thresholds are reduced by
a factor of 4 to allow EWS testing at lower current. For EWS testing a special test pad is
available to measure the internal bandgap voltage, the TW and TSD thresholds.
The internal logic prevents that the Hi-Side and Lo-Side driver of the same half-bridge can
be switched on at the same time. In the test mode this combination is used to multiplex the
desired signals according to following table:
Table 18.
Test mode
LS1 HS1 LS2 HS2 LS3 HS3
DO
LS3 HS3 LS4 HS4 LS5 HS5
Test pad
! (both HI)
! (both HI)
! (both HI)
No error
! (both HI)
! (both HI)
! (both HI)
5µA Iref
both HI
! (both HI)
! (both HI)
DI
both HI
! (both HI)
! (both HI)
Tsens1
! (both HI)
both HI
! (both HI)
CLK
! (both HI)
both HI
! (both HI)
Tsens2
both HI
both HI
! (both HI)
INT_CLK
both HI
both HI
! (both HI)
Tsens3
! (both HI)
! (both HI)
both HI
PWM1
! (both HI)
! (both HI)
both HI
Tsens4
both HI
! (both HI)
both HI
PWM2
both HI
! (both HI)
both HI
Tsens5
! (both HI)
both HI
both HI
Tsens6
both HI
both HI
both HI
Vbandgap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com