Electronic Components Datasheet Search
  English  ▼

X  

CDK2307_2B Datasheet(PDF) 9 Page - Cadeka Microcircuits LLC.

Part # CDK2307_2B
Description  Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK2307_2B Datasheet(HTML) 9 Page - Cadeka Microcircuits LLC.

Back Button CDK2307_2B Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK2307_2B Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK2307_2B Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK2307_2B Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK2307_2B Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK2307_2B Datasheet HTML 10Page - Cadeka Microcircuits LLC. CDK2307_2B Datasheet HTML 11Page - Cadeka Microcircuits LLC. CDK2307_2B Datasheet HTML 12Page - Cadeka Microcircuits LLC. CDK2307_2B Datasheet HTML 13Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
©2009 CADEKA Microcircuits LLC
www.cadeka.com
9
Data Sheet
Electrical Characteristics - CDK2307D
(AVDD = 1.8V, DVDD = 1.8V, DVDDCLK = 1.8V, OVDD = 2.5V, 80MSPS clock, 50% clock duty cycle,
-1dBFS 8MHz input signal, 13-bit output, unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Performance
SNR
Signal to Noise Ratio
FIN = 8MHz
70.4
72
dBFS
FIN = 20MHz
71.7
dBFS
FIN = 30MHz
71.2
dBFS
FIN ≃ FS/2
70.7
dBFS
SINAD
Signal to Noise and Distortion Ratio
FIN = 8MHz
69.5
70.5
dBFS
FIN = 20MHz
70.5
dBFS
FIN = 30MHz
70.4
dBFS
FIN ≃ FS/2
70.3
dBFS
SFDR
Spurious Free Dynamic Range
FIN = 8MHz
74
77
dBc
FIN = 20MHz
78
dBc
FIN = 30MHz
78
dBc
FIN ≃ FS/2
78
dBc
HD2
Second order Harmonic Distortion
FIN = 8MHz
-80
-95
dBc
FIN = 20MHz
-90
dBc
FIN = 30MHz
-90
dBc
FIN ≃ FS/2
-85
dBc
HD3
Third order Harmonic Distortion
FIN = 8MHz
-74
-77
dBc
FIN = 20MHz
-78
dBc
FIN = 30MHz
-78
dBc
FIN ≃ FS/2
-78
dBc
ENOB
Effective number of Bits
FIN = 8MHz
11.3
11.4
bits
FIN = 20MHz
11.4
bits
FIN = 30MHz
11.4
bits
FIN ≃ FS/2
11.4
bits
XTALK
Crosstalk
Signal crosstalk between channels, FIN1 =
8MHz, FIN0 = 9.9MHz
-95.0
dB
Power Supply
AIDD
Analog Supply Current
39.7
mA
DIDD
Digital Supply Current
Digital core supply
6.0
mA
OIDD
Output Driver Supply
2.5V output driver supply, sine wave input,
FIN = 1MHz
9.4
mA
2.5V output driver supply, sine wave input,
FIN = 1MHz, CLK_EXT disabled
7.7
mA
Analog Power Dissipation
71.5
mW
Digital Power Dissipation
OVDD = 2.5V, 5pF load on output bits,
FIN = 1MHz, CLK_EXT disabled
30
mW
Total Power Dissipation
OVDD = 2.5V, 5pF load on output bits,
FIN = 1MHz, CLK_EXT disabled
101.5
mW
Power Down Dissipation
9.1
µW
Sleep Mode 1
Power Dissipation, Sleep mode one channel
66.4
mW
Sleep Mode 2
Power Dissipation, Sleep mode both channels
24.1
mW
Clock Inputs
Max. Conversion Rate
80
MSPS
Min. Conversion Rate
65
MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com