Electronic Components Datasheet Search
  English  ▼

X  

CLC2500 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # CLC2500
Description  Dual, Ultra-fast Voltage Comparator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC2500 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  CLC2500 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CLC2500 Datasheet HTML 2Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY Product Brief
© 2007 CADEKA Microcircuit LLC
www.cadeka.com
Amplify the Human Experience
Comlinear™ CLC2500
Dual, Ultra-fast Voltage Comparator
f EA tu RE s
n
650ps propagation delay
n
100ps overdrive delay variation
n
70dB CMRR
n
Differential latch control
n
10V/ns slew rate
n
ECL compatible
n
350mW power dissipation
n
900MHz bandwidth
n
Lead-free QFN package
A PPLI c A t I o N s
n
Automated test equipment
n
High-speed instrumentation
n
Window comparators
n
High-speed timing
n
Line receivers
n
High-speed triggers
n
Threshold detection
n
Peak detection
Ordering Information
Part Number
Package
Pb-Free
Operating Temperature Range
Packaging Method
CLC2500ILP16X*
QFN-16
Yes
-40°C to +85°C
Reel
Moisture sensitivity level for all parts is MSL-1.
*Preliminary
General Description
The
Comlinear CLC2500 is a sub-nanosecond dual comparator with propaga-
tion delay variation less than 100ps from 5 to 50mV input overdrive voltage.
The input slew rate is 10 V/ns and the differential input stage has a common-
mode input range of -2.5V to 4V.
The
Comlinear CLC2500 has ECL-compatible complementary digital outputs
that are capable of driving 50Ω terminated transmission lines. The CLC2500
is ideally suited for automated test equipment (ATE) applications, high-speed
instrumentation, and peak detection.
Block Diagram
A
-
+
Inverting
Input
Latch Enable
Latch Enable
Q Output
Q Output
Inverting
Input
Non-Inverting
Input
GNDB
GNDA
Latch Enable
Latch Enable
Q Output
Q Output
Non-Inverting
Input
-
+
B
VEE
VCC


Similar Part No. - CLC2500

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLC251 CITIZEN-CLC251 Datasheet
959Kb / 16P
AC Series does not require AC/DC converters associated with other standard COB types
CLC251-13150273M1-B026Z CITIZEN-CLC251-13150273M1-B026Z Datasheet
959Kb / 16P
AC Series does not require AC/DC converters associated with other standard COB types
CLC251-13150303M1-B027Z CITIZEN-CLC251-13150303M1-B027Z Datasheet
959Kb / 16P
AC Series does not require AC/DC converters associated with other standard COB types
CLC251-13150403M1-B028Z CITIZEN-CLC251-13150403M1-B028Z Datasheet
959Kb / 16P
AC Series does not require AC/DC converters associated with other standard COB types
CLC251-13150503M1-B029Z CITIZEN-CLC251-13150503M1-B029Z Datasheet
959Kb / 16P
AC Series does not require AC/DC converters associated with other standard COB types
More results

Similar Description - CLC2500

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM219 PHILIPS-LM219 Datasheet
111Kb / 5P
Dual voltage comparator
August 31, 1994
logo
Toshiba Semiconductor
TA7522F TOSHIBA-TA7522F Datasheet
143Kb / 4P
DUAL VOLTAGE COMPARATOR
TA7522S TOSHIBA-TA7522S Datasheet
201Kb / 6P
DUAL VOLTAGE COMPARATOR
TA75W393FU TOSHIBA-TA75W393FU Datasheet
188Kb / 5P
DUAL VOLTAGE COMPARATOR
logo
Linear Technology
LT1016 LINER-LT1016 Datasheet
911Kb / 20P
Ultra Fast Precision Comparator
logo
Maxim Integrated Produc...
MAX9687 MAXIM-MAX9687 Datasheet
44Kb / 4P
Dual, Ultra-Fast ECL-Output Comparator
Rev 1; 7/93
MAX9690 MAXIM-MAX9690 Datasheet
28Kb / 4P
Ultra-Fast ECL-Output Comparator
Rev 3; 3/97
logo
AUK corp
S393 AUK-S393 Datasheet
255Kb / 4P
Dual Voltage Comparator
logo
List of Unclassifed Man...
SP9680 ETC1-SP9680 Datasheet
98Kb / 2P
ULTRA FAST COMPARATOR
logo
AUK corp
S393P AUK-S393P_1 Datasheet
258Kb / 4P
Dual Voltage Comparator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com