Electronic Components Datasheet Search
  English  ▼

X  

STF6NK70Z Datasheet(PDF) 10 Page - STMicroelectronics

Part # STF6NK70Z
Description  N-channel 700V - 1.5Ω - 5A - TO-220/TO-220FP Zener-protected SuperMESH??Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF6NK70Z Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STF6NK70Z Datasheet HTML 6Page - STMicroelectronics STF6NK70Z Datasheet HTML 7Page - STMicroelectronics STF6NK70Z Datasheet HTML 8Page - STMicroelectronics STF6NK70Z Datasheet HTML 9Page - STMicroelectronics STF6NK70Z Datasheet HTML 10Page - STMicroelectronics STF6NK70Z Datasheet HTML 11Page - STMicroelectronics STF6NK70Z Datasheet HTML 12Page - STMicroelectronics STF6NK70Z Datasheet HTML 13Page - STMicroelectronics STF6NK70Z Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Test circuit
STP6NK70Z - STF6NK70Z - STW6NK70Z
10/16
3
Test circuit
Figure 16. Unclamped inductive load test
circuit
Figure 17. Unclamped inductive wafeform
Figure 18. Switching times test circuit for
resistive load
Figure 19. Gate charge test circuit
Figure 20. Test circuit for inductive load
switching and diode recovery times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com