Electronic Components Datasheet Search
  English  ▼

X  

STM704SM6F Datasheet(PDF) 35 Page - STMicroelectronics

Part # STM704SM6F
Description  3 V supervisor with battery switchover
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM704SM6F Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STM704SM6F Datasheet HTML 31Page - STMicroelectronics STM704SM6F Datasheet HTML 32Page - STMicroelectronics STM704SM6F Datasheet HTML 33Page - STMicroelectronics STM704SM6F Datasheet HTML 34Page - STMicroelectronics STM704SM6F Datasheet HTML 35Page - STMicroelectronics STM704SM6F Datasheet HTML 36Page - STMicroelectronics STM704SM6F Datasheet HTML 37Page - STMicroelectronics STM704SM6F Datasheet HTML 38Page - STMicroelectronics STM704SM6F Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
STM690, STM704, STM795, STM802, STM804, STM805, STM806
DC and AC parameters
Doc ID 10519 Rev 9
35/42
E to ECON propagation delay
VCC = VRST (max)
2
7
ns
Reset to ECON high delay
10
µs
ISC
ECON short circuit current
VCC = 3.6 V, disable mode,
ECON = 0 V
0.1
0.75
2.0
mA
1.
Valid for ambient operating temperature: TA = –40 to 85 °C; VCC = VRST (max) to 5.5 V; and VBAT = 2.8 V (except where
noted).
2.
VCC supply current, logic input leakage, watchdog functionality, push-button reset functionality, PFI functionality,
state of RST and RST tested at VBAT = 3.6 V, and VCC = 5.5 V. The state of RST or RST and PFO is tested at VCC = VCC
(min). Either VCC or VBAT can go to 0 V if the other is greater than 2.0 V.
3.
VCC (min) = 1.0 V for TA = 0 °C to +85 °C.
4.
Tested at VBAT = 3.6 V, VCC = 3.5 V and 0 V.
5.
Guaranteed by design.
6.
The leakage current measured on the RST pin (STM804/805) or RST pin (STM795) is tested with the reset output not
asserted (output high impedance).
7.
Not valid for STM795/804/805 (open drain).
8.
When VBAT > VCC > VSW, VOUT remains connected to VCC until VCC drops below VSW.
9.
When VSW > VCC > VBAT, VOUT remains connected to VCC until VCC drops below the battery voltage (VBAT) - 75 mV.
10. The reset threshold tolerance is wider for VCC rising than for VCC falling due to the 10 mV (typ) hysteresis, which prevents
internal oscillation.
Table 7.
DC and AC characteristics (continued)
Sym
Alter-
native
Description
Test condition(1)
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com