Electronic Components Datasheet Search
  English  ▼

X  

ST1L02XX Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST1L02XX
Description  Very low quiescent BiCMOS voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1L02XX Datasheet(HTML) 1 Page - STMicroelectronics

  ST1L02XX Datasheet HTML 1Page - STMicroelectronics ST1L02XX Datasheet HTML 2Page - STMicroelectronics ST1L02XX Datasheet HTML 3Page - STMicroelectronics ST1L02XX Datasheet HTML 4Page - STMicroelectronics ST1L02XX Datasheet HTML 5Page - STMicroelectronics ST1L02XX Datasheet HTML 6Page - STMicroelectronics ST1L02XX Datasheet HTML 7Page - STMicroelectronics ST1L02XX Datasheet HTML 8Page - STMicroelectronics ST1L02XX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
March 2008
Rev 8
1/19
19
ST1L02xx
Very low quiescent BiCMOS voltage regulator
Features
■ Fixed output voltage: 1.8 V, 2.5 V, 3.3 V (1.5 V,
under customer request)
■ Output voltage tolerance: ± 2 % at 25 °C
■ Output current capability: 1 A minimum
■ Very low quiescent current: max 500 µA over
temperature range
■ Typ. dropout 0.7 V (@ IO = 1 A)
■ Stable with low ESR ceramic capacitors
■ Available with and without the external output
voltage sense pin
■ Thermal shutdown protection with hysteresis
■ Over current protection
■ Operating junction temperature range:
from 0 to 125 °C
Description
The ST1L02xx is a low drop linear voltage
regulator capable to supply up to 1 A output
current.
The output voltage is fixed to 3.3 V, but under
customer request, it’s possible to have also 1.5 V,
1.8 V and 2.5 V. Thanks to the BiCMOS
technology, the quiescent current is well
controlled and maintained below 650 µA over the
whole allowed junction temperature range.
The ST1L02xx is stable with low ESR output
ceramic capacitors.
Internal protection circuitry includes thermal
protection with hysteresis and over current
limiting.
The ST1L02xx is especially suitable for data
storage applications such as HDDs, where can be
used to supply the read channel and memory
chips requiring 3.3 V.
The regulator is available in the small and thin
DFN6D (3x3 mm) package.
DFN6D (3x3 mm)
Table 1.
Device summary
Part numbers
Order codes
Package
ST1L02XX18
ST1L02PU18R
DFN6D (3x3 mm)
ST1L02XX25
ST1L02PU25R
DFN6D (3x3 mm)
ST1L02XX33
ST1L02PU33R
DFN6D (3x3 mm)
ST1L02XX
ST1L02PUR (1)
DFN6D (3x3 mm)
1.
Only 3.3 V
www.st.com


Similar Part No. - ST1L02XX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1L04 STMICROELECTRONICS-ST1L04 Datasheet
558Kb / 11P
LOW QUIESCENT CURRENT VOLTAGE REGULATOR
10-Feb-2005
ST1L04PT STMICROELECTRONICS-ST1L04PT Datasheet
558Kb / 11P
LOW QUIESCENT CURRENT VOLTAGE REGULATOR
10-Feb-2005
ST1L05 STMICROELECTRONICS-ST1L05 Datasheet
1Mb / 30P
Very low quiescent current BiCMOS voltage regulator
05-May-2014
ST1L05APU33R STMICROELECTRONICS-ST1L05APU33R Datasheet
1Mb / 30P
Very low quiescent current BiCMOS voltage regulator
05-May-2014
ST1L05BPUR STMICROELECTRONICS-ST1L05BPUR Datasheet
1Mb / 30P
Very low quiescent current BiCMOS voltage regulator
05-May-2014
More results

Similar Description - ST1L02XX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3661 PHILIPS-TDA3661 Datasheet
88Kb / 16P
Very low dropout voltage/quiescent current adjustable voltage regulator
Rev. 05-28 June 2005
TDA3662 PHILIPS-TDA3662 Datasheet
93Kb / 20P
Very low dropout voltage/quiescent current 3.0 V voltage regulator
2000 Apr 26
TDA3663 PHILIPS-TDA3663 Datasheet
89Kb / 17P
Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 05-13 June 2005
TDA3664 PHILIPS-TDA3664 Datasheet
88Kb / 16P
Very low dropout voltage/quiescent current 5 V voltage regulator
1999 Sep 01
TDA3665 PHILIPS-TDA3665 Datasheet
93Kb / 20P
Very low dropout voltage/quiescent current 8.5 V voltage regulator
2000 Apr 25
TDA3666 PHILIPS-TDA3666 Datasheet
93Kb / 20P
Very low dropout voltage/quiescent current 10 V voltage regulator
2000 Apr 26
TDA3663 NXP-TDA3663 Datasheet
91Kb / 15P
Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 06-26 June 2007
TDA3664 NXP-TDA3664 Datasheet
98Kb / 16P
Very low dropout voltage/quiescent current 5 V voltage regulator
Rev. 07-25 June 2007
logo
STMicroelectronics
ST1L05APU33R STMICROELECTRONICS-ST1L05APU33R Datasheet
1Mb / 30P
Very low quiescent current BiCMOS voltage regulator
05-May-2014
ST2L05 STMICROELECTRONICS-ST2L05 Datasheet
508Kb / 23P
VERY LOW QUIESCENT CURRENT DUAL VOLTAGE REGULATOR
December 2004 Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com