| Electronic Components Datasheet Search |
|
STR750FV1 Datasheet(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR750FV1 Datasheet(HTML) 18 Page - STMicroelectronics |
|
18 / 84 page ![]() Pin description STR750Fxx STR751Fxx STR752Fxx STR755Fxx 18/84 26 J2 17 G2 P0.12 / UART2_RX / UART0_CTS / ADC_IN2 / SMI_CS1 I/O TT X XO4 X X Port 0.12 UART0: Clear To Send input ADC: Analog input 2 Serial Memory Interface: chip select output 1 UART2: Receive Data input (when remapped)(8) 27 J1 18 G1 P0.11 / UART0_TX / BOOT1 / SMI_CS2 I/O TT X XO4 X X Port 0.11/Boot mode selection input 1 UART0: Transmit data output Serial Memory Interface: chip select output 2 28 K1 19 H1 P0.10 / UART0_RX / SMI_CS3 I/O TT X XEIT4 O2 X X Port 0.10 UART0: Receive Data input Serial Memory Interface: chip select output 3 29 K2 20 H2 P0.09 / I2C_SDA I/O TT X XO4 X X Port 0.09 I2C: Serial Data 30 K3 21 H3 P0.08 / I2C_SCL I/O TT X XEIT3 O4 X X Port 0.08 I2C: Serial clock 31 H4 P2.19 I/O TT X XO2 X X Port 2.19 32 H5 P2.18 I/O TT X XO2 X X Port 2.18 33 H6 P2.17 / UART2_RTS I/O TT X XO2 X X Port 2.17 UART2: Ready To Send output(4) 34 J3 22 G3 P1.11 /UART0_RTS ADC_IN12 I/O TT X XEIT11 O8 X X Port 1.11 UART0: Ready To Send output(4) ADC: Analog input 12 35 J4 P0.27 / UART2_RTS / ADC_IN7 I/O TT X XO2 X X Port 0.27 UART2: Ready To Send output(8) ADC: Analog input 7 36 J6 P0.26 / UART2_CTS I/O TT X XO2 X X Port 0.26 UART2: Clear To Send input 37 J7 P0.25 / UART2_TX I/O TT X XO2 X X Port 0.25 UART2: Transmit data output (remappable to P0.13)(8) 38 H7 P0.24 / UART2_RX I/O TT X XO2 X X Port 0.24 UART2: Receive data input (remappable to P0.12)(8) 39 J5 23 G4 P0.19 / USB_CK / SSP1_NSS / ADC_IN4 I/O TT X XEIT6 O2 X X Port 0.19 SSP1: Slave select input (remappable to P0.11)(8) ADC: Analog input 4 USB: 48 MHz Clock input 40 K4 24 H5 P0.18 / SSP1_MOSI I/O TT X XO2 X X Port 0.18 SSP1: Master out/slave in data (remappable to P0.10)(8) 41 K5 25 H4 P0.17 / SSP1_MISO / ADC_IN3 I/O TT X XO2 X X Port 0.17 SSP1: Master in/slave out data (remappable to P0.09)(8) ADC: Analog input 3 42 K6 26 H6 P0.16 / SSP1_SCLK I/O TT X XO2 X X Port 0.16 SSP1: serial clock (remappable to P0.08)(8) Table 6. STR750F pin description (continued) Pin n° Pin name Input Output Main function (after reset) Alternate function OD (3) PP |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |