| Electronic Components Datasheet Search |
|
TPC-2106 Datasheet(PDF) 2 Page - National Instruments Corporation |
|
|
|||||||||||||||||||||||||||||
TPC-2106 Datasheet(HTML) 2 Page - National Instruments Corporation |
|
2 / 5 page ![]() Remote Display Software A TPC-2106/T includes remote display software already installed on the TPC when it is shipped. To view the entire screen and interact through your PC with the embedded touch panel computer, simply install the free host program and connect to the hardware. From the Windows CE start menu, select the Remote Display application and enter the IP address of the host PC. With the Remote Display function, you can quickly interact with the embedded touch panel hardware using your PC keyboard, mouse, and screen. Communication Options between TPCs and PACs A TPC-2106/T supports a wide range of communication options to exchange variables with PACs and programmable logic controllers (PLCs). NEMA4 and IP65 Industrial Ratings NI HMIs feature a NEMA4 and IP65 industrial-rated front panel. When these systems are panel mounted in a NEMA4 or IP65 industrial enclosure, they are capable of withstanding the ingress of dust and water jets. The NEMA4/IP65 rating makes these systems ideal for harsh environments on the factory floor, in industrial plants, and for pharmaceuticals. Open Flexible Platform A TPC-2106/T features an open, extensible architecture based on industry standards. Featuring Windows CE and standard communication buses (RS232/422/485, USB, and Ethernet), a TPC-2106/T can be quickly and easily configured to address requirements beyond traditional HMI applications. When combined with the LabVIEW Touch Panel Module graphical development environment and rugged, industrial PACs, a TPC-2106/T provides a fully integrated solution for machine automation and other industrial applications. Typical Applications HMI for PAC-Based Control Systems with NI Compact FieldPoint A TPC-2106/T provides an operator interface for all NI PACs, including Compact FieldPoint, CompactRIO, real-time PXI, and Compact Vision System. HMI for PAC-Based Machine Control Systems with NI CompactRIO For embedded machine control systems with CompactRIO, a TPC-2106/T is ideal as a local operator interface to provide input and feedback to the CompactRIO machine control unit. A TPC-2106/T functions as the local HMI for CompactRIO, as shown in Figure 3. HMI Operator Interface for PAC-Based Control Systems with Compact FieldPoint for Real-Time Controller or Distributed I/O Featuring a compact package, solid-state design, and touch panel interface, a TPC-2106/T is ideally suited for operator interfaces for embedded control systems with all PACs including Compact FieldPoint. A TPC-2106/T functions as the local HMI for embedded real-time control applications with Compact FieldPoint, as shown in Figure 4. Industrial Windows CE Touch Panel Computers 2 BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.) CompactFlash x 1 USB 1.1 Client x 1 COM2 (RS232) COM1 (RS232) Fuse Power Receptor Power Switch COM3 (RS232/422/485) USB 1.1 Host x 1 10/100B-T Ethernet x 1 GND COMPACT FLASH Figure 2. Rear View of a TPC-2106/T LabVIEW 8.5 Touch Panel Module Shared Variables TCP/IP and UDP Modbus NI Serial NI-VISA TPC-2106/T Client TCP/IP and ASCII TPC-2012 Client TCP/IP and ASCII Table 2. TPC-2106/T Communication Options Figure 3. Touch Panel Display for Embedded Machine Control with CompactRIO Ethernet |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |