Electronic Components Datasheet Search
  English  ▼

X  

STB75N20 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB75N20
Description  N-channel 200V - 0.028廓 - 75A - D2PAK - TO-220 - TO-247 Low gate charge STripFET??Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB75N20 Datasheet(HTML) 1 Page - STMicroelectronics

  STB75N20 Datasheet HTML 1Page - STMicroelectronics STB75N20 Datasheet HTML 2Page - STMicroelectronics STB75N20 Datasheet HTML 3Page - STMicroelectronics STB75N20 Datasheet HTML 4Page - STMicroelectronics STB75N20 Datasheet HTML 5Page - STMicroelectronics STB75N20 Datasheet HTML 6Page - STMicroelectronics STB75N20 Datasheet HTML 7Page - STMicroelectronics STB75N20 Datasheet HTML 8Page - STMicroelectronics STB75N20 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
July 2006
Rev 4
1/16
16
STB75N20
STP75N20 - STW75N20
N-channel 200V - 0.028
Ω - 75A - D2PAK - TO-220 - TO-247
Low gate charge STripFET™ Power MOSFET
General features
■ Exceptional dv/dt capability
■ Low gate charge
■ 100% Avalanche tested
Description
This Power MOSFET series realized with
STMicroelectronics unique STripFET™ process
has specifically been designed to minimize input
capacitance and gate charge. It is therefore
suitable as primary switch in advanced high-
efficiency isolated DC-DC converters
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STB75N20
200V
<0.034
Ω
75A
STP75N20
200V
<0.034
Ω
75A
STW75N20
200V
<0.034
Ω
75A
1
3
1
2
3
D²PAK
TO-247
TO-220
www.st.com
Order codes
Part number
Marking
Package
Packaging
STB75N20T4
B75N20
D²PAK
Tape & reel
STP75N20
P75N20
TO-220
Tube
STW75N20
W75N20
TO-247
Tube


Similar Part No. - STB75N20

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STB75N20 ISC-STB75N20 Datasheet
344Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STB75N20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP40N20 STMICROELECTRONICS-STP40N20 Datasheet
348Kb / 13P
N-CHANNEL 200V - 0.038 OHM - 40A TO-220/TO-247/D2PAK LOW GATE CHARGE STripFET MOSFET
03-Jun-2005
STD20NF20 STMICROELECTRONICS-STD20NF20 Datasheet
505Kb / 16P
N-channel 200V - 0.10廓 -18A- DPAK/TO-220/TO-220FP Low gate charge STripFET??Power MOSFET
17-Apr-2007
STP30NF20 STMICROELECTRONICS-STP30NF20 Datasheet
390Kb / 16P
N-channel 200V - 0.065Ω - 30A - TO-220/TO-247/D2PAK Low gate charge STripFET™Power MOSFET
18-Oct-2007
STB50NF25 STMICROELECTRONICS-STB50NF25 Datasheet
342Kb / 14P
N-channel 250V - 0.055Ω - 45A - D2PAK - TO-220 low gate charge STripFET??Power MOSFET
14-Nov-2007
STB75NF20 STMICROELECTRONICS-STB75NF20 Datasheet
510Kb / 16P
N-channel 200V - 0.028 - 75A - D2PAK - TO-220 - TO-247 Low gate charge STripFET Power MOSFET
21-Mar-2007
STP40NF20 STMICROELECTRONICS-STP40NF20 Datasheet
480Kb / 17P
N-channel 200V - 0.038Ω -40A- D2PAK/TO-220/TO-220FP/TO-247 Low gate charge STripFET??Power MOSFET
06-Jul-2007
STB160N75F3_0710 STMICROELECTRONICS-STB160N75F3_0710 Datasheet
390Kb / 16P
N-channel 75V - 3.5m廓 - 120A - TO-220 - TO-247 - D2PAK STripFET??Power MOSFET
02-Oct-2007
STF40N20 STMICROELECTRONICS-STF40N20 Datasheet
507Kb / 18P
N-channel 200V - 0.038 -40A- D2PAK/TO-220/TO-220FP/TO-247 Low gate charge STripFET Power MOSFET
16-Aug-2006
STW30N20 STMICROELECTRONICS-STW30N20 Datasheet
392Kb / 16P
N-channel 200V - 0.065 - 30A - TO-220/TO-247/D2PAK Low gate charge STripFET Power MOSFET
18-Oct-2007
STP75N15 STMICROELECTRONICS-STP75N15 Datasheet
237Kb / 10P
N-CHANNEL 150V - 0.02Ω - 75A TO-220/D²PAK/TO-247 LOW GATE CHARGE STripFET™ MOSFET
08-Nov-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com