Electronic Components Datasheet Search
  English  ▼

X  

MMBTA43 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMBTA43
Description  High Voltage Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBTA43 Datasheet(HTML) 3 Page - ON Semiconductor

  MMBTA43 Datasheet HTML 1Page - ON Semiconductor MMBTA43 Datasheet HTML 2Page - ON Semiconductor MMBTA43 Datasheet HTML 3Page - ON Semiconductor MMBTA43 Datasheet HTML 4Page - ON Semiconductor MMBTA43 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MMBTA42LT1G, MMBTA43LT1G
http://onsemi.com
3
VR, REVERSE VOLTAGE (VOLTS)
0.1
100
0.1
10
1.0
10
1000
Ceb @ 1MHz
Figure 2. Capacitance
IC, COLLECTOR CURRENT (mA)
100
70
50
30
20
10
7.0
5.0
3.0
2.0
80
70
50
30
20
10
TJ = 25°C
VCE = 20 V
f = 20 MHz
1.0
IC, COLLECTOR CURRENT (mA)
Figure 3. Current−Gain − Bandwidth
1.4
0.0
1.2
1.0
0.8
0.6
0.4
0.2
100
10
0.1
1.0
100
1.0
Ccb @ 1MHz
60
40
VBE(on) @ 25°C, VCE = 10 V
VCE(sat) @ 25°C, IC/IB = 10
VBE(sat) @ 25°C, IC/IB = 10
VCE(sat) @ 125°C, IC/IB = 10
VCE(sat) @ -55°C, IC/IB = 10
VBE(sat) @ 125°C, IC/IB = 10
VBE(sat) @ -55°C, IC/IB = 10
VBE(on) @ 125°C, VCE = 10 V
VBE(on) @ -55°C, VCE = 10 V
Figure 4. “ON” Voltages
Figure 5. Safe Operating Area
VCE, COLLECTOR−EMITTER VOLTAGE (V)
1000
10
1
0.001
0.01
0.1
10 ms
1
100
1.0 s



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com