Electronic Components Datasheet Search
  English  ▼

X  

MMSD103T1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMSD103T1
Description  High Voltage Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSD103T1 Datasheet(HTML) 3 Page - ON Semiconductor

  MMSD103T1 Datasheet HTML 1Page - ON Semiconductor MMSD103T1 Datasheet HTML 2Page - ON Semiconductor MMSD103T1 Datasheet HTML 3Page - ON Semiconductor MMSD103T1 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MMSD103T1
http://onsemi.com
3
Figure 2. Forward Voltage
Figure 3. Reverse Leakage
7000
REVERSE VOLTAGE (V)
5000
3000
5
0
2
1
6000
4000
6
5
10
20
50
100 200
1
2
3
4
300
TA = 150°C
TA = 25°C
TA = −55°C
FORWARD CURRENT (mA)
TA = −55°C
1
10
100
1000
1
200
400
600
800
1000
1200
150°C
25°C
Figure 4. Diode Capacitance
VR, REVERSE VOLTAGE (V)
6
5
4
3
2
1
0
0.3
0.35
0.4
0.45
0.5
0.55
0.6
0.65
8
710
9
0.7
0.75



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com