Electronic Components Datasheet Search
  English  ▼

X  

PD57018-E Datasheet(PDF) 6 Page - STMicroelectronics

Part # PD57018-E
Description  RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57018-E Datasheet(HTML) 6 Page - STMicroelectronics

Back Button PD57018-E Datasheet HTML 2Page - STMicroelectronics PD57018-E Datasheet HTML 3Page - STMicroelectronics PD57018-E Datasheet HTML 4Page - STMicroelectronics PD57018-E Datasheet HTML 5Page - STMicroelectronics PD57018-E Datasheet HTML 6Page - STMicroelectronics PD57018-E Datasheet HTML 7Page - STMicroelectronics PD57018-E Datasheet HTML 8Page - STMicroelectronics PD57018-E Datasheet HTML 9Page - STMicroelectronics PD57018-E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Typical performance
PD57018-E, PD57018S-E
6/25
Doc ID 12214 Rev 4
4
Typical performance
4.1
PD57018-E
Figure 3.
Capacitance vs drain voltage
Figure 4.
Drain current vs gate voltage
Figure 5.
Gate-source voltage vs case
temperature
Figure 6.
Safe operating area
1
10
100
VDS, DRAIN-SOURCE VOLTAGE (V)
0.1
1
10
Tc = 70 ºC
Tc = 25 ºC
Tc = 100 ºC
Figure 7.
Output power vs input power
Figure 8.
Power gain vs output power
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
Pin, INPUT POWER (W)
0
2
4
6
8
10
12
14
16
18
20
945 MHz
925 MHz
960 MHz
VDD = 28 V
IDQ = 100 mA
0
2
4
6
8
10
12
14
16
18
20
Pout, OUTPUT POWER (W)
14
14.5
15
15.5
16
16.5
17
17.5
18
945 MHz
925 MHz
960 MHz
Vdd = 28 V
Idq = 100 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com