Electronic Components Datasheet Search
  English  ▼

X  

DG33BU Datasheet(PDF) 28 Page - Intel Corporation

Part # DG33BU
Description  Technical Product Specification
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DG33BU Datasheet(HTML) 28 Page - Intel Corporation

Back Button DG33BU Datasheet HTML 24Page - Intel Corporation DG33BU Datasheet HTML 25Page - Intel Corporation DG33BU Datasheet HTML 26Page - Intel Corporation DG33BU Datasheet HTML 27Page - Intel Corporation DG33BU Datasheet HTML 28Page - Intel Corporation DG33BU Datasheet HTML 29Page - Intel Corporation DG33BU Datasheet HTML 30Page - Intel Corporation DG33BU Datasheet HTML 31Page - Intel Corporation DG33BU Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 84 page
background image
Intel Desktop Board DG33BU Technical Product Specification
28
1.12 Hardware Management Subsystem
The hardware management features enable the board to be compatible with the Wired
for Management (WfM) specification. The board has several hardware management
features, including the following:
•
Fan monitoring and control
•
Thermal and voltage monitoring
•
Chassis intrusion detection
1.12.1
Hardware Monitoring and Fan Control
The features of the hardware monitoring and fan control include:
•
Intel Quiet System Technology, delivering acoustically-optimized thermal
management
•
Fan speed control controllers and sensors integrated into the ICH9DH
•
Four thermal sensors (processor, 82G33 GMCH, 82801IH ICH9DH, and a remote
thermal sensor)
•
Power supply monitoring of five voltages (+5 V, +12 V, +3.3 VSB, +1.25 V, and
+VCCP) to detect levels above or below acceptable values
•
Thermally monitored closed-loop fan control, for all three fans, that can adjust the
fan speed or switch the fans on or off as needed
1.12.2
Fan Monitoring
Fan monitoring can be implemented using Intel® Desktop Utilities or third-party
software.
For information about
Refer to
The functions of the fan headers
Section 1.13.2.2, page 34
Location of the fan headers
Figure 6, page 29
1.12.3
Chassis Intrusion and Detection
The board supports a chassis security feature that detects if the chassis cover is
removed. The security feature uses a mechanical switch on the chassis that attaches
to the chassis intrusion header. When the chassis cover is removed, the mechanical
switch is in the closed position.
For information about
Refer to
The location of the chassis intrusion header
Figure 10, page 42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com