Electronic Components Datasheet Search
  English  ▼

X  

DG201ADJ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DG201ADJ
Description  Quad SPST CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG201ADJ Datasheet(HTML) 3 Page - Maxim Integrated Products

  DG201ADJ Datasheet HTML 1Page - Maxim Integrated Products DG201ADJ Datasheet HTML 2Page - Maxim Integrated Products DG201ADJ Datasheet HTML 3Page - Maxim Integrated Products DG201ADJ Datasheet HTML 4Page - Maxim Integrated Products DG201ADJ Datasheet HTML 5Page - Maxim Integrated Products DG201ADJ Datasheet HTML 6Page - Maxim Integrated Products DG201ADJ Datasheet HTML 7Page - Maxim Integrated Products DG201ADJ Datasheet HTML 8Page - Maxim Integrated Products DG201ADJ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Quad SPST CMOS Analog Switches
_______________________________________________________________________________________
3
ABSOLUTE MAXIMUM RATINGS (DG201A)
Voltages Reference to V-
V+………………………………………………..……………..44V
GND……………………………………………..……….…….25V
Digital Inputs (Note 1), VS, VD ............................-2V to (V+ + 2V)
or 20mA, whichever occurs first
Current, Any Terminal Except S or D………..….…………...30mA
Continuous Current, S or D…………………………………...20mA
Peak Current, S or D
(pulsed at 1ms 10% duty cycle max)…………………….70mA
Operating Temperature Range
DG201AA .............…………........………..…...-55°C to +125°C
DG201AD/E .........………………….....…..….…-40°C to +85°C
DG201AC .............………........................…….…0°C to +70°C
Storage Temperature Range………………..…..-65°C to +150°C
Power Dissipation (Note 2)
16-Pin Plastic Dip (derate 10.5mW/°C above +70°C) ...842mW
16-Pin SO (derate 8.7mW/°C above +70°C) .................696mW
16-Pin TSSOP (derate 9.4mW/°C above +70°C) ...........755mW
16-Pin QFN (5 ✕ 5)
(derate 19.2mW/°C above +70°C)...........................1538mW
16-Pin CERDIP (derate 10.0mW/°C above +70°C)......800mW
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
DG201AA
DG201AC, D, E
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
SWITCH
Analog Signal Range
VANALOG
-15
15
-15
15
V
Drain-Source ON Resistance
RDS (ON)
VD = ±10V, VIN = 0.8V, IS = 1mA
115
175
115
200
Ω
VS = 14V, VD = -14V
0.01
1.0
0.01
5.0
Source OFF-Leakage Current
IS (OFF)
VIN = 2.4V
VS = -14V, VD = 14V
-1.0
-0.02
-5.0
-0.02
VS = 14V, VD = -14V
0.01
1.0
0.01
5.0
Drain OFF-Leakage Current
ID (OFF)
VIN = 2.4V
VS = -14V, VD = 14V
-1.0
-0.02
-5.0
-0.02
VS = -14V
0.1
1.0
0.1
1.0
Drain ON-Leakage Current
(Note 4)
ID (ON)
VIN = 0.8V
VS = 14V
-1.0
-1.0
nA
ELECTRICAL CHARACTERISTICS (DG201A)
(V+ = +15V, V- = -15V, GND = 0, TA = +25°C, unless otherwise noted.) (For more information on TYP values see Note 3.)
ELECTRICAL CHARACTERISTICS (DG211) (continued)
(V+ = +15V, V- = -15V, GND = 0, TA = +25°C, unless otherwise noted.) (For more information on TYP values see Note 2.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY
Positive Supply Current
I
+
0.02
0.4
Negative Supply Current
I
-
0.01
0.4
Logic Supply Current
IL
VIN = 0 and 2.4V (all)
00
mA
Power-Supply Range
for Continous Operation
VOP
±4.5
±18
V
Note 1: Signals on S_, D_, or IN_ exceeding V+ or V- on Maxim’s DG201A will be clamped by internal diodes, and are also internally cur-
rent limited to 25mA.
Note 2: Device mounted with all leads soldered to PC board.
Note 2: Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
Note 3: ID(ON) is leakage from driver into “ON” switch.
Note 4: OFF-Isolation = 20 log VS/VD, VS = input to OFF switch, VD = output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com