Electronic Components Datasheet Search
  English  ▼

X  

L9803 Datasheet(PDF) 89 Page - STMicroelectronics

Part # L9803
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9803 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button L9803 Datasheet HTML 85Page - STMicroelectronics L9803 Datasheet HTML 86Page - STMicroelectronics L9803 Datasheet HTML 87Page - STMicroelectronics L9803 Datasheet HTML 88Page - STMicroelectronics L9803 Datasheet HTML 89Page - STMicroelectronics L9803 Datasheet HTML 90Page - STMicroelectronics L9803 Datasheet HTML 91Page - STMicroelectronics L9803 Datasheet HTML 92Page - STMicroelectronics L9803 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 126 page
background image
L9803
On-Chip Peripherals
89/126
FIL[3:0] are the least significant 4 bits of a 12-bit message filter.
MASK HIGH REGISTERS (MHRx)
Read/Write
Reset Value: Undefined
MSK[11:4] are the most significant 8 bits of a 12-bit message mask. The acceptance mask
defines which bits of the acceptance filter should match the identifier and the RTR bit of the
incoming message.
MSKi = 0: don’t care.
MSKi = 1: match required.
MASK LOW REGISTERS (MLRx)
Read/Write
Reset Value: Undefined
MSK[3:0] are the least significant 4 bits of a 12-bit message mask.
7
0
MSK11
MSK10
MSK9
MSK8
MSK7
MSK6
MSK5
MSK4
7
0
MSK3
MSK2
MSK1
MSK0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More