Electronic Components Datasheet Search
  English  ▼

X  

DG201AAK Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DG201AAK
Description  Quad SPST CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG201AAK Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DG201AAK Datasheet HTML 2Page - Maxim Integrated Products DG201AAK Datasheet HTML 3Page - Maxim Integrated Products DG201AAK Datasheet HTML 4Page - Maxim Integrated Products DG201AAK Datasheet HTML 5Page - Maxim Integrated Products DG201AAK Datasheet HTML 6Page - Maxim Integrated Products DG201AAK Datasheet HTML 7Page - Maxim Integrated Products DG201AAK Datasheet HTML 8Page - Maxim Integrated Products DG201AAK Datasheet HTML 9Page - Maxim Integrated Products DG201AAK Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Quad SPST CMOS Analog Switches
6
_______________________________________________________________________________________
RDS(ON) AT ANALOG SIGNAL LEVEL
POWER SUPPLIES
-5V
+5V
-10V
+10V
-15V
+15V
±5V
350
Ω
380
Ω
————
±10V
—
—
165
Ω
250
Ω
——
±15V
—
—
125
Ω
160
Ω
135
Ω
155
Ω
Typical RDS(ON) vs. Power Supplies for Maxim’s DG201A, and DG211
Protecting Against Fault
Conditions
Fault conditions occur when power supplies are turned
off when input signals are still present, or when over-
voltages occur at the inputs during normal operation. In
either case, source-to-body diodes can be forward
biased and conduct current from the signal source. If
this current is required to be kept to low (µA) levels
then the addition of external protection diodes is rec-
ommended.
To provide protection for overvoltages up to 20V above
the supplies, a 1N4001 or 1N914 type diode should be
placed in series with the positive and negative supplies
as shown in Figure 2. The addition of these diodes will
reduce the analog signal range to 1V below the posi-
tive supply and 1V above the negative supply.
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
DG201A
DG211
IN4001
-15V
IN4001
+15V
Figure 2. Protection against Fault Conditions
LOGIC "0" - SW ON
3V
VS
0
LOGIC
INPUT
tf < 20ns
tr < 20ns
SWITCH
INPUT
SWITCH
OUTPUT
50%
0
V0
0.9
tON
V0
V0
0.9
0.1
toff1
toff2
Ω
SWITCH
INPUT
S1
VS = +2V
IN1
LOGIC
INPUT
GND
0
V-
-15V
+15V
V+
D1
RL
1k
Ω
CL
35pF
V0
SWITCH
OUTPUT
(REPEAT TEST FOR IN2, IN3, AND IN4)
V0 = VS
RL
RL + RDS(ON)
TOP VIEW
16
15
14
13
5
1
2
3
4
12
11
10
9
67
8
S1
V-
GND
S4
S2
V+
N.C.
S3
D1
IN1
IN2
D2
D4
IN4
IN3
D3
DG201A
DG211
QFN*
Pin Configurations (continued)
Figure 1. Switching Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com