Electronic Components Datasheet Search
  English  ▼

X  

M41T82 Datasheet(PDF) 55 Page - STMicroelectronics

Part # M41T82
Description  Serial I2C bus RTC with battery switchover
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T82 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button M41T82 Datasheet HTML 51Page - STMicroelectronics M41T82 Datasheet HTML 52Page - STMicroelectronics M41T82 Datasheet HTML 53Page - STMicroelectronics M41T82 Datasheet HTML 54Page - STMicroelectronics M41T82 Datasheet HTML 55Page - STMicroelectronics M41T82 Datasheet HTML 56Page - STMicroelectronics M41T82 Datasheet HTML 57Page - STMicroelectronics M41T82 Datasheet HTML 58Page - STMicroelectronics M41T82 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 61 page
background image
M41T82-M41T83
Package mechanical data
Doc ID 12578 Rev 12
55/61
Figure 31.
SOX18 – 18-lead plastic small outline, 300 mils, embedded crystal, outline
Note:
Drawing is not to scale.
SOX18
Table 28.
SOX18 – 18-lead plastic small outline, 300 mils, embedded crystal,
package mech. data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
2.57
2.44
2.69
0.101
0.096
0.106
A1
0.23
0.15
0.31
0.009
0.006
0.012
A2
2.34
2.29
2.39
0.092
0.090
0.094
B
0.46
0.41
0.51
0.018
0.016
0.020
c
0.25
0.20
0.31
0.010
0.008
0.012
D
11.61
11.56
11.66
0.457
0.455
0.459
E
7.62
7.57
7.67
0.300
0.298
0.302
E1
10.34
10.16
10.52
0.407
0.400
0.414
e
1.27
0.050
L
0.66
0.51
0.81
0.026
0.020
0.032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61