Electronic Components Datasheet Search
  English  ▼

X  

MAX5621 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5621
Description  16-Bit DACs with 16-Channel Sample-and-Hold Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5621 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5621 Datasheet HTML 1Page - Maxim Integrated Products MAX5621 Datasheet HTML 2Page - Maxim Integrated Products MAX5621 Datasheet HTML 3Page - Maxim Integrated Products MAX5621 Datasheet HTML 4Page - Maxim Integrated Products MAX5621 Datasheet HTML 5Page - Maxim Integrated Products MAX5621 Datasheet HTML 6Page - Maxim Integrated Products MAX5621 Datasheet HTML 7Page - Maxim Integrated Products MAX5621 Datasheet HTML 8Page - Maxim Integrated Products MAX5621 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
-0.007
-0.003
-0.005
0.001
-0.001
0.005
0.003
0.007
4018
19520 27271
11769
35021 42723 58268
INTEGRAL NONLINEARITY vs. CODE
INPUT CODE
-1.4
-0.6
-1.0
0.2
-0.2
1.0
0.6
1.4
DIFFERENTIAL NONLINEARITY vs. CODE
INPUT CODE
4018
19520 27271
11769
35021 42723 58268
0
0.002
0.006
0.004
0.008
0.010
-40
10
-15
35
60
85
INTEGRAL NONLINEARITY
VS.
TEMPERATURE
TEMPERATURE (
°C)
0.5
0.6
0.8
0.7
0.9
1.0
-40
10
-15
35
60
85
DIFFERENTIAL NONLINEARITY
VS.
TEMPERATURE
TEMPERATURE (
°C)
-20
-18
-14
-16
-12
-10
-40
10
-15
35
60
85
OFFSET VOLTAGE
VS.
TEMPERATURE
TEMPERATURE (
°C)
VDD = +8.55V
VSS = -4V
CODE = 4F2C hex
DROOP RATE vs. TEMPERATURE
TEMPERATURE (
°C)
-40
35
60
-15
10
85
100
0.0001
0.001
0.010
0.100
10
1
CODE = 4F2C hex
EXTERNAL CLOCK MODE
NO CLOCK APPLIED
0
0.01
0.03
0.02
0.04
0.05
-40
10
-15
35
60
85
GAIN ERROR VS. TEMPERATURE
TEMPERATURE (
°C)
CODE = C168 hex
OFFSET CODE = 4F2C hex
10
100
0
-10
-20
-30
-40
-60
-50
-70
-80
0.01
0.1
1
POSITIVE SUPPLY PSRR
VS.
FREQUENCY
FREQUENCY (kHz)
-90
-90
0
0.001
0.01
0.1
1
10
100
NEGATIVE SUPPLY PSRR
VS.
FREQUENCY
-10
-20
FREQUENCY (kHz)
-40
-30
-70
-80
-60
-50
Typical Operating Characteristics
(VDD = +10V, VSS = -4V, VREF = +2.5V, VGS = 0V, TA = +25°C, unless otherwise noted.)
16-Bit DACs with 16-Channel
Sample-and-Hold Outputs
_______________________________________________________________________________________
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com