Electronic Components Datasheet Search
  English  ▼

X  

M41T82SMY6F Datasheet(PDF) 21 Page - STMicroelectronics

Part # M41T82SMY6F
Description  Serial I2C bus RTC with battery switchover
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T82SMY6F Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M41T82SMY6F Datasheet HTML 17Page - STMicroelectronics M41T82SMY6F Datasheet HTML 18Page - STMicroelectronics M41T82SMY6F Datasheet HTML 19Page - STMicroelectronics M41T82SMY6F Datasheet HTML 20Page - STMicroelectronics M41T82SMY6F Datasheet HTML 21Page - STMicroelectronics M41T82SMY6F Datasheet HTML 22Page - STMicroelectronics M41T82SMY6F Datasheet HTML 23Page - STMicroelectronics M41T82SMY6F Datasheet HTML 24Page - STMicroelectronics M41T82SMY6F Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
M41T82-M41T83
Clock operation
Doc ID 12578 Rev 12
21/61
Table 2.
M41T82 clock/control register map (32 bytes)(1)
1.
See Table 3: Key to Table 2: M41T82 clock/control register map (32 bytes)
Addr
Function/range BCD
format
D7
D6
D5
D4
D3
D2
D1
D0
00h
0.1 seconds
0.01 seconds
seconds
00-99
01h
ST
10 seconds
seconds
seconds
00-59
02h
0
10 minutes
minutes
minutes
00-59
03h
CB1
CB0
10 hours
Hours (24 hour format)
Century/hours
0-3/00-23
04h
0
0
0
0
0
Day of week
Day
01-7
05h
0
0
10 date
Date: day of month
Date
01-31
06h
0
0
0
10M
Month
Month
01-12
07h
10 years
Year
Year
00-99
08h
0
FT
DCS
DC4
DC3
DC2
DC1
DC0
Digital calibration
09h
0
BMB4
BMB3
BMB2
BMB1
BMB0
RB1
RB0
Watchdog
0Ah
0
0
ABE
Al1 10M
Alarm1 month
Al1 month
01-12
0Bh
RPT14
RPT15
AI1 10 date
Alarm1 date
Al1 date
01-31
0Ch
RPT13
HT
AI1 10 hour
Alarm1 hour
Al1 hour
00-23
0Dh
RPT12
Alarm1 10 minutes
Alarm1 minutes
Al1 min
00-59
0Eh
RPT11
Alarm1 10 seconds
Alarm1 seconds
Al1 sec
00-59
0Fh
WDF
AF1
AF2(2)
2.
AF2 will always read 0, if the AL2E bit is set to 0.
BL
TF
OF
0
0
Flags
10h
Timer countdown value
Timer value
11h
TE
0
0
0
0
0
TD1
TD0
Timer control
12h
ACS
AC6
AC5
AC4
AC3
AC2
AC1
AC0
Analog calibration
13h
0
0
0
0
0
0
AL2E
0
SQW
14h
0(3)
3.
As indicated in Table 3, the 0 bits should be written to 0. But in the case of these four bits, when AL2E is 0, registers 14-18h
are SRAM locations and these bits become SRAM cells which are thus excluded from that restriction.
0(3)
0(3)
Al2 10M
Alarm2 month
SRAM/Al2 month
01-12
15h
RPT24
RPT25
AI2 10 date
Alarm2 month
SRAM/Al2 date
01-31
16h
RPT23
0(3)
AI2 10 hour
Alarm2 date
SRAM/Al2 hour
00-23
17h
RPT22
Alarm2 10 minutes
Alarm2 minutes
SRAM/Al2 min
00-59
18h
RPT21
Alarm2 10 seconds
Alarm2 seconds
SRAM/Al2 sec
00-59
19h-1Fh
User SRAM (7 bytes)
SRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com