Electronic Components Datasheet Search
  English  ▼

X  

MAX13080ECPD Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX13080ECPD
Description  5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13080ECPD Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX13080ECPD Datasheet HTML 9Page - Maxim Integrated Products MAX13080ECPD Datasheet HTML 10Page - Maxim Integrated Products MAX13080ECPD Datasheet HTML 11Page - Maxim Integrated Products MAX13080ECPD Datasheet HTML 12Page - Maxim Integrated Products MAX13080ECPD Datasheet HTML 13Page - Maxim Integrated Products MAX13080ECPD Datasheet HTML 14Page - Maxim Integrated Products MAX13080ECPD Datasheet HTML 15Page - Maxim Integrated Products MAX13080ECPD Datasheet HTML 16Page - Maxim Integrated Products MAX13080ECPD Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
+5.0V, ±15kV ESD-Protected, Fail-Safe,
Hot-Swap, RS-485/RS-422 Transceivers
______________________________________________________________________________________
13
MAX13080E/MAX13083E/MAX13086E
Pin Description (continued)
PIN
MAX13080E
MAX13083E
MAX13086E
MAX13081E
MAX13084E
MAX13087E
MAX13082E
MAX13085E
MAX13088E
MAX13089E
FULL-DUPLEX
DEVICES
HALF-
DUPLEX
DEVICES
FULL-
DUPLEX
MODE
HALF-
DUPLEX
MODE
NAME
FUNCTION
12
8
—
12
—
A
Noninverting Receiver Input
—
—
—
—
12
A
Receiver Input Resistors*
——
6
—
—
A
Noninverting Receiver Input and Noninverting Driver
Output
—
—
—
13
13
RXP
Receiver Phase. Connect RXP to GND or leave RXP
unconnected for normal transmitter phase/polarity.
Connect RXP to VCC to invert receiver phase/polarity.
14
1
8
14
14
VCC
Positive Supply VCC = +5.0V ±10%. Bypass VCC to GND
with a 0.1µF capacitor.
*MAX13089E only. In half-duplex mode, the driver outputs serve as receiver inputs. The full-duplex receiver inputs (A and B) still have a
1/8-unit load (96k
Ω), but are not connected to the receiver.
TRANSMITTING
INPUTS
OUTPUTS
RE
DE
DI
Z
Y
X1
1
0
1
X1
0
1
0
0
0
X
High-Z
High-Z
1
0
X
Shutdown
RECEIVING
INPUTS
OUTPUT
RE
DE
A, B
RO
0X
≥ -50mV
1
0X
≤ -200mV
0
0X
Open/
shorted
1
1
1
X
High-Z
1
0
X
Shutdown
MAX13081E/MAX13084E/MAX13086E/
MAX13087E
TRANSMITTING
INPUT
OUTPUTS
DI
Z
Y
101
010
RECEIVING
INPUTS
OUTPUT
A, B
RO
≥ -50mV
1
≤ -200mV
0
Open/shorted
1
Function Tables



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com