Electronic Components Datasheet Search
  English  ▼

X  

MAX5902 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5902
Description  72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5902 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5902 Datasheet HTML 1Page - Maxim Integrated Products MAX5902 Datasheet HTML 2Page - Maxim Integrated Products MAX5902 Datasheet HTML 3Page - Maxim Integrated Products MAX5902 Datasheet HTML 4Page - Maxim Integrated Products MAX5902 Datasheet HTML 5Page - Maxim Integrated Products MAX5902 Datasheet HTML 6Page - Maxim Integrated Products MAX5902 Datasheet HTML 7Page - Maxim Integrated Products MAX5902 Datasheet HTML 8Page - Maxim Integrated Products MAX5902 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
+72V, SOT23/TDFN, Simple Swapper Hot-Swap
Controllers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VS = +9V to +72V, GND = 0V, ON/OFF open circuit, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VS = +48V
and TA = +25°C.) (Notes 1, 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Terminal Voltage (with respect to GND unless otherwise noted)
VS, DRAIN, PGOOD, PGOOD ................................-0.3V to +76V
ON/OFF ....................................................................-0.3V to +4V
GATE to VS ............................................................-12V to +0.3V
Current into any Pin ............................................................±3mA
Continuous Power Dissipation (TA = +70°C)
6-Pin SOT23 (derate 9.1mW/°C above +70°C)..........727mW
6-Pin TDFN (derate 18.2mW/°C above +70°C) .......1454mW
Junction to Case
Thermal Resistance, θJC (TDFN) ..............................8.5°C/W
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range .............................-60°C to +150°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VS
972
V
Supply Current
IGND
Measured out of GND, PGOOD or PGOOD
open circuit, DRAIN = VS
12
mA
VS = +36V to +72V
910
11
External Gate Drive
VGS
VS - VGATE
VS = +9V
8
8.5
V
VS = +36V to +72V
59
18
Load Voltage Slew-Rate
Magnitude
SR
| dVDRAIN/dt |
CL = 10µF
VS = +9V
36
11
V/ms
Default Undervoltage Lockout
VUVLO
VS increasing
28.5
31.5
34.5
V
Undervoltage Lockout
Hysteresis
3.5
V
ON/OFF Pin Input Resistance
RON/OFF
19
32
52
kΩ
DRAIN to GND Resistance
RDGND
900
kΩ
DRAIN to VS Resistance
RDS
650
kΩ
ON/OFF Reference Threshold
VON/OFF
VON/OFF Increasing
1.14
1.26
1.38
V
ON/OFF Hysteresis
140
mV
Start Delay (Note 3)
tON
80
150
280
ms
ON/OFF Off Delay (Note 4)
tOFF
VS - VGATE < 1V
510
18
ms
MAX590_ _AEUT
200
300
460
MAX590_ _BEUT
280
400
540
Circuit-Breaker Threshold
VCB
VS - VDRAIN
MAX590_ _CEUT
400
500
660
mV
CGATE = 1nF
2
6.5
CGATE = 4.7nF
411
Circuit-Breaker Delay (Note 5)
tCB
(VS - VDRAIN) > VCB
until (VS - VGATE)
< 1V, 200mV
overdrive step
CGATE = 10nF
717
µs
Restart Delay (Note 3)
tRS
After circuit breaker event,
MAX590_ A_EUT only
80
150
280
ms
Power-Good Output Low Voltage
VOL
IOL = 1mA
0.3
0.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com