Electronic Components Datasheet Search
  English  ▼

X  

MAX5556ESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5556ESA
Description  Low-Cost Stereo Audio DACs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5556ESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5556ESA Datasheet HTML 3Page - Maxim Integrated Products MAX5556ESA Datasheet HTML 4Page - Maxim Integrated Products MAX5556ESA Datasheet HTML 5Page - Maxim Integrated Products MAX5556ESA Datasheet HTML 6Page - Maxim Integrated Products MAX5556ESA Datasheet HTML 7Page - Maxim Integrated Products MAX5556ESA Datasheet HTML 8Page - Maxim Integrated Products MAX5556ESA Datasheet HTML 9Page - Maxim Integrated Products MAX5556ESA Datasheet HTML 10Page - Maxim Integrated Products MAX5556ESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Detailed Description
The MAX5556–MAX5559 stereo audio sigma-delta DACs
offer a complete stereo digital-to-analog system for con-
sumer audio applications. The MAX5556–MAX5559 fea-
ture built-in digital interpolation/filtering, sigma-delta
digital-to-analog conversion and analog output filters
(Figure 2). Control logic and mute circuitry minimize
audible pops and clicks during power-up, power-down,
and whenever invalid clock conditions occur.
These stereo audio DACs receive input data over a 3-
wire interface that supports up to 24 bits of left-justified,
right-justified, or I2S-compatible audio data. The
MAX5556 accepts left-justified I2S data, up to 24 bits.
The MAX5557 accepts left-justified data, up to 24 bits.
The MAX5558 accepts right-justified 16-bit data. The
MAX5559 accepts right-justified 18-bit data. These
DACs also support a wide range of sample rates from
2kHz to 48kHz. Direct analog output data is routed to
the right or left output by driving LRCLK high or low.
See the
Clock and Data Interface section.
The MAX5556–MAX5559 support MCLK/LRCLK ratios
of 256, 384, or 512. These devices allow a change to
the clock speed ratio without causing glitches on the
analog outputs by internally muting the audio during
invalid clock conditions. The internal mute function
ramps down the audio amplitude and forces the analog
outputs to a 2.4V quiescent voltage immediately upon
clock loss or change of ratio. A soft-start routine is then
engaged when a valid clock ratio is re-established, pro-
ducing clickless and popless continuous operation.
The MAX5556–MAX5559 operate from a +4.75V to
+5.5V analog supply and feature +87dB dynamic
range with total harmonic distortion typically below
-87dB.
Interpolator
The digital interpolation filter eliminates images of the
baseband audio signal that exist at multiples of the input
sample rate (fS). The resulting upsampled frequency
spectrum has images of the input signal at multiples of 8
x fS. An additional upsampling sinc filter further reduces
upsampling images up to 64 x fS. These images are ulti-
mately removed through the internal analog lowpass filter
and the external analog output filter.
Sigma-Delta Modulator/DAC
The MAX5556–MAX5559 use a multibit sigma-delta DAC
with an oversampling ratio (OSR) of 64 to achieve a wide
dynamic range. The sigma-delta modulator accepts a 3-
bit data stream from the interpolation filter at a rate of 64
x fS (fS = LRCLK frequency) and provides an analog volt-
age representation of that data stream.
Pin Description
PIN
NAME
FUNCTION
1
SDATA
Serial Audio Data Input. Data is clocked into the MAX5556–MAX5559 on the rising edge of the
internal or external SCLK. Data is input in two’s complement format, MSB first. The state of LRCLK
determines whether data is directed to OUTL or OUTR.
2
SCLK
External Serial Clock Input. Data is strobed on the rising edge of SCLK.
3
LRCLK
Left-/Right-Channel Select Clock. For the MAX5556, drive LRCLK low to direct data to OUTL or
LRCLK high to direct data to OUTR. For the MAX5557/MAX5558/MAX5559, drive LRCLK high to
direct data to OUTL or LRCLK low to direct data to OUTR.
4
MCLK
Master Clock Input. The MCLK/LRCLK ratio must equal to 256, 384, or 512.
5
OUTR
Right-Channel Analog Output
6
GND
Ground
7VDD
Power-Supply Input. Bypass VDD to GND with a 0.1µF capacitor in parallel with a 4.7µF capacitor as
close to VDD as possible. Place the 0.1µF capacitor closest to VDD.
8
OUTL
Left-Channel Analog Output
Low-Cost Stereo Audio DACs
_______________________________________________________________________________________
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com