Electronic Components Datasheet Search
  English  ▼

X  

MAX9060 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9060
Description  Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5-SOT23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9060 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9060 Datasheet HTML 2Page - Maxim Integrated Products MAX9060 Datasheet HTML 3Page - Maxim Integrated Products MAX9060 Datasheet HTML 4Page - Maxim Integrated Products MAX9060 Datasheet HTML 5Page - Maxim Integrated Products MAX9060 Datasheet HTML 6Page - Maxim Integrated Products MAX9060 Datasheet HTML 7Page - Maxim Integrated Products MAX9060 Datasheet HTML 8Page - Maxim Integrated Products MAX9060 Datasheet HTML 9Page - Maxim Integrated Products MAX9060 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Ultra-Small, Low-Power Single
Comparators in 4-Bump UCSP and 5-SOT23
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = 3.3V, VREF = 1.8V, RPULLUP = 10kΩ to VPULLUP = 3.3V for MAX9060–MAX9063, GND = 0, TA = +25°C, unless otherwise noted.)
MAX9064 OUTPUT RESPONSE
TO SUPPLY VOLTAGE TRANSIENT
MAX9060 toc22
1ms/div
0V
0V
0V
3V
3.2V
VCC
200mV/div
OUT
2V/div
OUT
2V/div
OUT
2V/div
VIN = VTH + 20mV
VIN = VTH + 10mV
VIN = VTH + 1mV
MAX9064 POWER-SUPPLY REJECTION
FOR NO FALSE TRIGGERING
FREQUENCY (Hz)
100k
100
200
206
194
202
196
204
198
10
10k
1k
1M
VCC = 3.3V + 100mVP-P
UPPER TRIP POINT
LOWER TRIP POINT
MAX9060 1kHz FREQUENCY RESPONSE
MAX9060 toc19
200
µs/div
0V
1.7V
1.9V
1.8V
IN+
100mV/div
OUT
2V/div
VREF = 1.8V
VPULLUP = 3.3V
MAX9060 POWER-UP/
POWER-DOWN RESPONSE
MAX9060 toc20
1ms/div
0V
0V
VREF
1V/div
OUT
2V/div
VIN = 1.7V
VREF = 1.8V
MAX9064 POWER-UP/
POWER-DOWN RESPONSE
MAX9060 toc21
1ms/div
0V
0V
VCC
2V/div
OUT
2V/div
VIN = 0.3V
VCC = 3.3V
MAX9064 1kHz FREQUENCY RESPONSE
MAX9060 toc18
200
µs/div
0V
150mV
250mV
IN+
50mV/div
OUT
2V/div
VCC = 3.3V
200mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com