Electronic Components Datasheet Search
  English  ▼

X  

MAX9710 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9710
Description  3W Mono/Stereo BTL Audio Power Amplifiers with Shutdown
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9710 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9710 Datasheet HTML 1Page - Maxim Integrated Products MAX9710 Datasheet HTML 2Page - Maxim Integrated Products MAX9710 Datasheet HTML 3Page - Maxim Integrated Products MAX9710 Datasheet HTML 4Page - Maxim Integrated Products MAX9710 Datasheet HTML 5Page - Maxim Integrated Products MAX9710 Datasheet HTML 6Page - Maxim Integrated Products MAX9710 Datasheet HTML 7Page - Maxim Integrated Products MAX9710 Datasheet HTML 8Page - Maxim Integrated Products MAX9710 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
3W Mono/Stereo BTL Audio Power Amplifiers
with Shutdown
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = PVDD = 5.0V, VGND = VPGND = VMUTE = 0V, VSHDN = 5V, RIN = RF = 15kΩ, RL = ∞. TA = TMIN to TMAX, unless otherwise
noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: All devices are 100% production tested at +25°C. All temperature limits are guaranteed by design.
Note 2: PSSR is specified with the amplifier inputs connected to GND through RIN and CIN.
VDD to GND, PGND ...............................................................+6V
PVDD to VDD .......................................................................±0.3V
PGND to GND.....................................................................±0.3V
All Other Pins to GND.................................-0.3V to (VDD + 0.3V)
Continuous Input Current (into any pin
except power supply and output pins).........................±20mA
Continuous Power Dissipation (TA = +70°C)
12-Pin Thin QFN (derate 16.9mW/°C above +70°C) ....1349mW
20-Pin Thin QFN (derate 20.8mW/°C above +70°C) ....1667mW
Operating Temperature Range............................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VDD/PVDD Inferred from PSRR test
4.5
5.5
V
MAX9710
12
30
Quiescent Supply Current
(IVDD + IPVDD)
IDD
MAX9711
7
17
mA
Shutdown Supply Current
ISHDN
SHDN = GND
0.5
30
µA
CBIAS = 1µF (10% of final value)
300
Turn-On Time
tON
CBIAS = 0.1µF (10% of final value)
30
ms
Thermal Shutdown Threshold
160
°C
Thermal Shutdown Hysteresis
15
°C
OUTPUT AMPLIFIERS
Output Offset Voltage
VOS
VOUT_+ - VOUT_-, AV = 2
±2
±14
mV
VDD = 4.5V to 5.5V
82
100
f = 1kHz
87
Power-Supply Rejection Ratio
PSRR
VRIPPLE = 200mVP-P
(Note 2)
f = 20kHz
74
dB
RL = 8
Ω
1.1
1.4
RL = 4
Ω
2.6
Output Power
POUT
fIN = 1kHz,
THD+N < 1%
RL = 3
Ω
3
W
POUT = 1.2W, RL = 8
Ω
0.005
Total Harmonic Distortion Plus
Noise
THD+N
fIN = 1kHz, BW =
22Hz to 22kHz
POUT = 2W, 4
Ω
0.01
%
Signal-to-Noise Ratio
SNR
RL = 8
Ω, VOUT = 2.8VRMS, BW = 22Hz to 22kHz95
dB
Slew Rate
SR
1.6
V/µs
Maximum Capacitive Load Drive
CL
No sustained oscillations
1
nF
Crosstalk
fIN = 10kHz
77
dB
BIAS VOLTAGE (BIAS)
BIAS Voltage
VBIAS
2.35
2.5
2.65
V
Output Resistance
RBIAS
50
k
Ω
DIGITAL INPUTS (MUTE,
SHDN)
Input Voltage High
VIH
2V
Input Voltage Low
VIL
0.8
V
Input Leakage Current
IIN
±1µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com