Electronic Components Datasheet Search
  English  ▼

X  

MAX6651EEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6651EEE
Description  Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6651EEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6651EEE Datasheet HTML 1Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 2Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 3Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 4Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 5Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 6Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 7Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 8Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Fan-Speed Regulators and Monitors
with SMBus/I2C-Compatible Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 3.0V to 5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C and VCC = 5V.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ..............................................................-0.3V to +6V
FB, TACH_ ..........................................................-0.3V to +13.2V
All Other Pins..............................................-0.3V to (VCC + 0.3V)
Output Voltages..........................................-0.3V to (VCC + 0.3V)
Maximum Current
Into VCC, GND, VOUT ...................................................100mA
Into All Other Pins ..........................................................50mA
Continuous Power Dissipation (TA = +70°C)
10-Pin µMAX (derate 5.6mW/°C above +70°C) ..........444mW
16-Pin QSOP (derate 8.3mW/°C above +70°C)..........667mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature .....................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow)
Lead(Pb)-free..............................................................+260°C
Containing lead(Pb) ....................................................+240°C
Input Low Voltage
Input Hysteresis
VHYS
200
mV
Tachometer Threshold
VTACH_
VFB + 1.0
VFB +3
V
12V fan, 0 < VFB < 9V
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Output Source Current
ISOURCE
50
mA
Output Sink Current
ISINK
10
mA
Output Voltage Range
VOUT
0.3
VCC - 0.3
V
VFB + 0.5
VFB +1.5
Tachometer Input Impedance
RTACH_
70
100
150
k
Ω
Supply Voltage
VCC
3.0
5.5
V
Supply Current
ICC
10
mA
DAC Differential Nonlinearity
5
LSB
Useful DAC Resolution
8
bits
Feedback Input Impedance
RFB
70
100
150
k
Ω
Output Sink Current
IGPIO_
10
mA
CONDITIONS
Guaranteed monotonicity on FB (Note 1)
VOUT = VCC - 1.8V
Measured at FB (Note 1)
VOUT = 0.5V
IOUT = ±100µA
5V fan, 0 < VFB < 4.5V
0 < VFB < 9V
0 < VTACH < 9V
VGPIO_ = 0.4V
Full-on mode, IOUT = 0
V
0.8
VIL(GPIO_)
Input High Voltage
V
2
VCC
≤ 3.6V
VIH(GPIO_)
3
VCC > 3.6V
Pullup Resistor
RGPIO_
100
k
Ω
TACHOMETER INPUTS (TACH_)
FEEDBACK (FB)
GENERAL-PURPOSE INPUTS/OUTPUTS (GPIO_) (Note 2)
POWER SUPPLY (VCC)
OUTPUT (OUT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com