Electronic Components Datasheet Search
  English  ▼

X  

MAX4696 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4696
Description  35OHM, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4696 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4696 Datasheet HTML 1Page - Maxim Integrated Products MAX4696 Datasheet HTML 2Page - Maxim Integrated Products MAX4696 Datasheet HTML 3Page - Maxim Integrated Products MAX4696 Datasheet HTML 4Page - Maxim Integrated Products MAX4696 Datasheet HTML 5Page - Maxim Integrated Products MAX4696 Datasheet HTML 6Page - Maxim Integrated Products MAX4696 Datasheet HTML 7Page - Maxim Integrated Products MAX4696 Datasheet HTML 8Page - Maxim Integrated Products MAX4696 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
35
Ω, Low-Voltage, SPST/SPDT
Analog Switches in UCSP Package
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Single +3V Supply
(V+ = +2.7V to +3.3V, VIH = +1.4V, VIL = 0.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at +3V and
TA = +25°C.) (Notes 2, 8)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
All Voltages Referenced to GND
V+, IN .......................................................................-0.3V to +6V
COM, NO, NC (Note 1).................................-0.3V to (V+ + 0.3V)
Continuous Current COM, NO, NC ..................................±20mA
Peak Current COM, NO, NC
(pulsed at 1ms, 10% duty cycle) .................................±40mA
Continuous Power Dissipation (TA = +70°C)
3 ✕ 2 UCSP (derate 10.1mW/°C at +70°C)....................808mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Bump Temperature (soldering)
Infrared (15s) ................................................................+220°C
Vapor Phase (60s) ........................................................+215°C
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Analog Signal Range
VCOM, VNO,
VNC
TMIN to TMAX
0V+
V
+25°C30
35
On-Resistance
RON
V+ = +2.7V, ICOM = 1mA,
VNO or VNC = 1.5V
TMIN to TMAX
40
Ω
+25°C1
2
On-Resistance Match
Between Channels
(MAX4698 only) (Note 4)
∆RON
V+ = +2.7V, ICOM = 1mA,
VNO or VNC = 1.5V
TMIN to TMAX
3
Ω
+25°C10
13
On-Resistance Flatness
(Note 5)
RFLAT(ON)
V+ = +2.7V, ICOM = 1mA,
VNO or VNC = 1V, 1.5V, 2V
TMIN to TMAX
15
Ω
+25°C
-0.5
±0.01
0.5
NO, NC Off-Leakage
Current (Note 3)
INO(OFF),
INC(OFF)
V+ = +3.6V; VCOM = 0.3V,
3.3V; VNO or VNC = 3.3V, 0.3V
TMIN to TMAX
-1
1
nA
+25°C
-0.5
±0.01
0.5
COM Off-Leakage Current
(Note 3)
(MAX4696, MAX4697 only)
ICOM_(OFF)
V+ = +3.6V; VCOM = 0.3V,
3.3V; VNO or VNC = 0.3V, 3.3V
TMIN to TMAX
-1
1
nA
+25°C
-0.5
±0.01
0.5
COM On-Leakage Current
(Note 3)
ICOM_(ON)
V+ = +3.6V; VCOM = 0.3V,
3.3V; VNO or VNC = 0.3V, 3.3V,
or floating
TMIN to TMAX
-2
2
nA
DYNAMIC CHARACTERISTICS
+25°C50
80
Turn-On Time (Note 3)
tON
V+ = +2.7V; VNO, VNC = 1.5V,
RL = 300
Ω, CL = 35pF,
Figure 1
TMIN to TMAX
110
ns
Note 1: Signals on NO, NC, and COM exceeding V+ are clamped by an internal diode. Limit forward-diode current to maximum cur-
rent rating.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com