Electronic Components Datasheet Search
  English  ▼

X  

MAX8523EEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8523EEE
Description  High-Speed, Dual-Phase Gate Driver for Multiphase, Step-Down Converters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8523EEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8523EEE Datasheet HTML 1Page - Maxim Integrated Products MAX8523EEE Datasheet HTML 2Page - Maxim Integrated Products MAX8523EEE Datasheet HTML 3Page - Maxim Integrated Products MAX8523EEE Datasheet HTML 4Page - Maxim Integrated Products MAX8523EEE Datasheet HTML 5Page - Maxim Integrated Products MAX8523EEE Datasheet HTML 6Page - Maxim Integrated Products MAX8523EEE Datasheet HTML 7Page - Maxim Integrated Products MAX8523EEE Datasheet HTML 8Page - Maxim Integrated Products MAX8523EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
High-Speed, Dual-Phase Gate Driver for
Multiphase, Step-Down Converters
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
BST_ to PGND_ ......................................................-0.3V to +26V
LX_ to PGND_............................................................-1V to +14V
DH_ to PGND_..........................................-0.3V to (BST_ + 0.3V)
DH_ to LX_................................................................-0.3V to +7V
BST_ to LX_ ..............................................................-0.3V to +7V
DL_ to PGND_.............................................-0.3V to (PV_ + 0.3V)
PV_ to PGND_ ..........................................................-0.3V to +7V
PGND2 to PGND1 .................................................-0.3V to +0.3V
VCC to PGND1..........................................................-0.3V to +7V
DLY to PGND1............................................-0.3V to (VCC + 0.3V)
PWM_ to PGND1 ........................................-0.3V to (PV2 + 0.3V)
VCC to PV1_..............................................................-7V to +0.3V
DH_, DL_ Continuous Current .......................................±200mA
Continuous Power Dissipation (TA = +70°C)
16-Pin QSOP (derate 8.3mW/°C above +70°C).............667mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VVCC = VPV1 = VPV2 = VBST1 = VBST2 = VDLY = 5V, VPGND1 = VPGND2 = VLX1 = VLX2 = 0V; TA = 0°C to +85°C, unless otherwise
noted. Typical values are at TA = +25°C.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
UNDERVOLTAGE PROTECTION
Supply Voltage Range
4.5
6.5
V
VCC rising
3.25
3.5
3.8
UVLO
VCC falling
3.0
3.5
V
DLY = VCC
50
100
µA
IVCC
Dynamic, RDLY = 50k
Ω
0.5
1
mA
PWM_ = GND
1
10
µA
IPV_
PWM_ = VCC
1.2
2
mA
PWM_ = GND
0.1
10
µA
IBST_
PWM_ = VCC
1.2
2
mA
IBST1 + IPV1 + IBST2 + IPV2
250kHz
4
8
mA
DRIVER SPECIFICATIONS
PWM_ = PGND1, VBST = 4.5V
0.65
1.2
DH_ Driver Resistance
PWM_ = VCC, VBST_ = 4.5V
0.8
1.35
Ω
PWM_ = PGND1, VPV_ = 4.5V
0.95
1.6
DL_ Driver Resistance
PWM_ = VCC, VPV = 4.5V
0.5
0.9
Ω
DH_ Rise Time
PWM_ = VCC, VBST = 5V, 3nF load
11
ns
DH_ Fall Time
PWM_ = PGND1, VBST = 5V, 3nF load
9.5
ns
DL_ Rise Time
PWM_ = VCC, VPV = 5V, 3nF load
8.5
ns
DL_ Fall Time
PWM_ = PGND1, VPV = 5V, 3nF load
6.5
ns
DH_ Propagation Delay
PWM_falling, VBST = 5V
15
ns
DL_ Propagation Delay
PWM_rising, VBST = 5V
8
ns
PWM_ INPUT
Input Current
VPWM_ = 0V or 6.5V
0.01
1
µA
Input Voltage High
2.5
V
Input Voltage Low
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com