Electronic Components Datasheet Search
  English  ▼

X  

MAX9713 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9713
Description  MAX9713 Evaluation Kit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9713 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9713 Datasheet HTML 1Page - Maxim Integrated Products MAX9713 Datasheet HTML 2Page - Maxim Integrated Products MAX9713 Datasheet HTML 3Page - Maxim Integrated Products MAX9713 Datasheet HTML 4Page - Maxim Integrated Products MAX9713 Datasheet HTML 5Page - Maxim Integrated Products MAX9713 Datasheet HTML 6Page - Maxim Integrated Products MAX9713 Datasheet HTML 7Page - Maxim Integrated Products MAX9713 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MAX9713 Evaluation Kit
2
_______________________________________________________________________________________
Quick Start
Recommended Equipment
Before beginning, the following equipment is needed:
• 15V, 1A power supply
• Audio source (i.e., CD player, cassette player)
•8
Ω/16Ω speaker
Procedure
The MAX9713 EV kit is fully assembled and tested.
Follow the steps below to verify board operation.
Caution: Do not turn on the power supply until all
connections are completed.
1) Verify that no shunt is across jumper JU6 (differential
input mode).
2) Verify shunt across pins 1-2 of jumper JU1. Install
shunt across jumper JU7 (EV kit is enabled).
3) Verify shunts across pins 1-2 of jumpers JU2 and
JU3 (Gain = 16dB).
4) Verify shunts across pins 1-2 of jumpers JU4 and
JU5 (spread-spectrum mode, frequency centered at
335kHz).
5) Connect the speaker across the OUT+ and OUT-
pads.
6) Connect the positive terminal of the 15V power sup-
ply to the V+ pad and the ground terminal of the
power supply to the GND pad.
7) Connect the audio source across the VIN+ and VIN-
pads.
8) Turn on the power supply, and then turn on the
audio source.
Detailed Description
The MAX9713 EV kit contains the MAX9713 filterless
class D amplifier IC. The EV kit operates from a 10V to
25V DC power supply and accepts a differential or sin-
gle-ended audio input source. The single-ended input
mode accepts up to 2VP-P signals, and the differential
mode accepts up to 4VP-P signals. The audio input
source is amplified to drive 6W into an 8
Ω speaker.
The MAX9713 EV kit provides three sets of differential
outputs. The device outputs (OUT+/-) can be connect-
ed directly to a speaker load without any filtering.
However, a filter can be added to ease evaluation. The
filtered outputs (FOUT1+/-) require installation of filter-
ing components T1, C21, and C22. The LCR filtered
outputs (FOUT2+/-) require installation of filtering com-
ponents L4, L5, C15–C20, R2, and R3.
Component List (continued)
DESIGNATION
QTY
DESCRIPTION
L4, L5
0
Not installed, power inductors
R1
1
10k
Ω ±5% resistor (0402)
R2, R3
0
Not installed, resistors (0402)
T1
0
Not installed, common-mode choke
U1
1
32-pin TQFN-EP*, 5mm x 5mm x 0.8mm
Maxim MAX9713ETJ+
—
7
Shunts
—
1
PCB: MAX9713 Evalution Kit+
*EP = Exposed paddle.
SUPPLIER
PHONE
WEBSITE
AVX Corp.
843-946-0238 www.avxcorp.com
Central
Semiconductor Corp.
631-435-1110 www.centralsemi.com
Murata Mfg. Co., Ltd.
770-436-1300 www.murata.com
Taiyo Yuden
800-348-2496 www.t-yuden.com
TDK Corp.
847-803-6100 www.component.tdk.com
Component Suppliers
Note: Indicate that you are using the MAX9713 when contact-
ing these component suppliers.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com