Electronic Components Datasheet Search
  English  ▼

X  

MAX4802CCM Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4802CCM
Description  Low-Charge Injection, 8-Channel, High-Voltage Analog Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4802CCM Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4802CCM Datasheet HTML 1Page - Maxim Integrated Products MAX4802CCM Datasheet HTML 2Page - Maxim Integrated Products MAX4802CCM Datasheet HTML 3Page - Maxim Integrated Products MAX4802CCM Datasheet HTML 4Page - Maxim Integrated Products MAX4802CCM Datasheet HTML 5Page - Maxim Integrated Products MAX4802CCM Datasheet HTML 6Page - Maxim Integrated Products MAX4802CCM Datasheet HTML 7Page - Maxim Integrated Products MAX4802CCM Datasheet HTML 8Page - Maxim Integrated Products MAX4802CCM Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Low-Charge Injection,
8-Channel, High-Voltage Analog Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND.)
VDD Logic-Supply Voltage .....................................-0.5V to +15V
VPP - VNN Supply Voltage ....................................................220V
VPP Positive-Supply Voltage ........................-0.5V to VNN + 220V
VNN Negative-Supply Voltage ..............................+0.5V to -220V
Logic Inputs LE, CLR, CLK, DIN ............................-0.5V to +15V
DOUT ............................................................-0.5V to VDD + 0.5V
RGND (MAX4802) .................................................-4.5V to +0.5V
COM_, NO_.................................................................VNN to VPP
Continuous Power Dissipation (TA = +70°C)
28-Pin PLCC (derate 10.5mW/°C above +70°C) ..........842mW
48-Pin TQFP (derate 22.7mW/°C above +70°C).........1818mW
26-Pin CSBGA (derate 11.8mW/°C above +70°C) .......941mW
Operating Temperature Range...............................0°C to +70°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature Range ..........................................+150°C
Lead Temperature (Soldering, 10s).................................+300°C
Bump Temperature (Soldering) Lead-Free......................+260°C
Bump Temperature (Soldering) Lead ..............................+245°C
ELECTRICAL CHARACTERISTICS
(VDD = +2.7V to +13.2V, VPP = +40V to VNN + 200V, VNN = -15V to -160V, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Analog Signal Range
VCOM_,
VNO_
(Note 2)
VNN +
10
VPP -
10
V
TA = 0°C
30
TA = +25°C
26
38
ICOM = 5mA
TA = +70°C
48
TA = 0°C
25
TA = +25°C
22
27
VPP = +40V,
VNN = -160V,
VCOM_ = 0
ICOM =
200mA
TA = +70°C
32
TA = 0°C
25
TA = +25°C
22
27
ICOM = 5mA
TA = +70°C
30
TA = 0°C
18
TA = +25°C
18
24
VPP = +100V,
VNN = -100V,
VCOM_ = 0
ICOM =
200mA
TA = +70°C
27
TA = 0°C
23
TA = +25°C
20
25
ICOM = 5mA
TA = +70°C
30
TA = 0°C
22
TA = +25°C
16
25
Small-Signal Switch
On-Resistance
RONS
VPP = +160V,
VNN = -40V
or
VPP = +185V,
VNN = -15V,
VCOM _= 0
ICOM =
200mA
TA = +70°C
27
Ω
Small-Signal Switch
On-Resistance Matching
ΔRONS
VPP = +100V, VNN = -100V,
VCOM_ = 0, ICOM = 5mA
520
%
Large-Signal Switch
On-Resistance
RONL
VCOM_ = VPP - 10V, ICOM = 1A
15
Ω
Shunt Resistance
RINT
NO_ or COM_ to RGND (MAX4802), switch
off
30
35
50
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com