Electronic Components Datasheet Search
  English  ▼

X  

MAX4865LELT Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4865LELT
Description  Overvoltage Protection Controllers with Reverse Polarity Protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4865LELT Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4865LELT Datasheet HTML 1Page - Maxim Integrated Products MAX4865LELT Datasheet HTML 2Page - Maxim Integrated Products MAX4865LELT Datasheet HTML 3Page - Maxim Integrated Products MAX4865LELT Datasheet HTML 4Page - Maxim Integrated Products MAX4865LELT Datasheet HTML 5Page - Maxim Integrated Products MAX4865LELT Datasheet HTML 6Page - Maxim Integrated Products MAX4865LELT Datasheet HTML 7Page - Maxim Integrated Products MAX4865LELT Datasheet HTML 8Page - Maxim Integrated Products MAX4865LELT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Overvoltage Protection Controllers
with Reverse Polarity Protection
________________________________________________________________
Maxim Integrated Products
1
Typical Operating Circuit
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
General Description
The MAX4864L/MAX4865L/MAX4866L/MAX4867 over-
voltage protection controllers protect low-voltage sys-
tems against high-voltage faults up to +28V, and
negative voltages down to -28V. These devices drive a
low-cost complementary MOSFET. If the input voltage
exceeds the overvoltage threshold, these devices turn
off the n-channel MOSFET to prevent damage to the
protected components. If the input voltage drops below
ground, the devices turn off the p-channel MOSFET to
prevent damage to the protected components. An inter-
nal charge pump eliminates the need for external
capacitors and drives the MOSFET GATEN for a simple,
robust solution.
The overvoltage thresholds are preset to +7.4V
(MAX4864L), +6.35V (MAX4865L), +5.8V (MAX4866L),
and +4.65V (MAX4867). When the input voltage drops
below the undervoltage lockout (UVLO) threshold, the
devices enter a low-current standby mode (8.5µA). Also in
shutdown (
EN set to logic-high), the current is reduced fur-
ther (0.4µA). The MAX4864L/MAX4865L/MAX4866L have
a +2.85V UVLO threshold, and the MAX4867 has a +2.5V
UVLO threshold.
In addition, a ±15kV ESD protection is provided to the
input when bypassed with a 1µF capacitor to ground. All
devices are offered in a small 6-pin SOT23 and a 6-pin,
2mm x 2mm µDFN package, and are specified for
operation over the -40°C to +85°C temperature range.
Applications
Features
♦ Overvoltage Protection Up to +28V
♦ Reverse Polarity Protection Down to -28V
♦ Preset Overvoltage (OV) Trip Level (7.4V, 6.35V,
5.8V, 4.65V)
♦ Drive Low-Cost Complementary MOSFET
♦ Internal 50ms Startup Delay
♦ Internal Charge Pump
♦ 8.5µA Standby Current (In UVLO Mode)
♦ 0.4µA Shutdown Current
♦ Overvoltage Fault FLAG Indicator
♦ 6-Pin (2mm x 2mm) µDFN and 6-Pin SOT23
Packages
19-3582; Rev 2; 5/10
Ordering Information
PART
PIN-
PACKAGE
OV TRIP
LEVEL (V)
TOP
MARK
MAX4864LEUT-T
6 SOT23-6
7.40
ABVO
MAX4864LELT
6 μDFN
7.40
AAE
MAX4865LEUT-T
6 SOT23-6
6.35
ABVP
MAX4865LELT
6 μDFN
6.35
AAF
MAX4866LEUT-T
6 SOT23-6
5.80
ABVQ
MAX4866LELT
6 μDFN
5.80
AAG
MAX4867EUT-T
6 SOT23-6
4.65
ABVN
MAX4867ELT
6 μDFN
4.65
AAD
Functional Diagram appears at end of data sheet.
Note: All devices are specified over the -40°C to +85°C operating
temperature range.
T = Tape and reel.
ADAPTER
(-28V TO +28V)
OUTPUT
VIO
IN
FLAG
GATEN
1
μF
GND
EN
GATEP
MAX4864L
MAX4865L
MAX4866L
MAX4867
PN
Cell Phones
Digital Still Cameras
PDAs and Palmtop Devices
MP3 Players


Similar Part No. - MAX4865LELT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4865LELT MAXIM-MAX4865LELT Datasheet
346Kb / 12P
Overvoltage Protection Controllers with Reverse Polarity Protection
Rev 1; 5/06
More results

Similar Description - MAX4865LELT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4838 MAXIM-MAX4838 Datasheet
227Kb / 10P
Overvoltage Protection Controllers with Status FLAG
Rev 0; 10/03
MAX4843 MAXIM-MAX4843 Datasheet
296Kb / 9P
Overvoltage Protection Controllers with Low Standby Current
Rev 0; 4/05
MAX1807 MAXIM-MAX1807 Datasheet
240Kb / 10P
Micropower Adjustable Overvoltage Protection Controllers
Rev 0; 10/00
MAX4838A MAXIM-MAX4838A Datasheet
503Kb / 11P
Overvoltage-Protection Controllers with Status FLAG
Rev 0; 2/06
MAX4864L MAXIM-MAX4864L Datasheet
346Kb / 12P
Overvoltage Protection Controllers with Reverse Polarity Protection
Rev 1; 5/06
logo
SynQor Worldwide Headqu...
MQME-270-R SYNQOR-MQME-270-R Datasheet
6Mb / 15P
Reverse polarity protection
logo
Texas Instruments
LM74502 TI-LM74502 Datasheet
2Mb / 29P
LM74502 Low IQ High Side Switch Controller With Reverse Polarity and Overvoltage Protection
DECEMBER 2021
logo
Maxim Integrated Produc...
MAX4843 MAXIM-MAX4843_V01 Datasheet
198Kb / 10P
Overvoltage Protection Controllers with Low Standby Current
2009
logo
Texas Instruments
LM74502-Q1 TI-LM74502-Q1 Datasheet
1Mb / 29P
LM74502-Q1, LM74502H-Q1 Automotive Low IQ Reverse Polarity Protection Controller with Overvoltage Protection
FEBRUARY 2022
LM74502-Q1 TI-LM74502-Q1_V01 Datasheet
1Mb / 33P
LM74502-Q1, LM74502H-Q1 Automotive Low IQ Reverse Polarity Protection Controller with Overvoltage Protection
MAY 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com