Electronic Components Datasheet Search
  English  ▼

X  

M48Z58 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M48Z58
Description  5 V, 64 Kbit (8 Kbit x 8) ZEROPOWER® SRAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z58 Datasheet(HTML) 4 Page - STMicroelectronics

  M48Z58_10 Datasheet HTML 1Page - STMicroelectronics M48Z58_10 Datasheet HTML 2Page - STMicroelectronics M48Z58_10 Datasheet HTML 3Page - STMicroelectronics M48Z58_10 Datasheet HTML 4Page - STMicroelectronics M48Z58_10 Datasheet HTML 5Page - STMicroelectronics M48Z58_10 Datasheet HTML 6Page - STMicroelectronics M48Z58_10 Datasheet HTML 7Page - STMicroelectronics M48Z58_10 Datasheet HTML 8Page - STMicroelectronics M48Z58_10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
List of figures
M48Z58, M48Z58Y
4/24
Doc ID 2559 Rev 10
List of figures
Figure 1.
Logic diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 2.
DIP connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 3.
SOIC connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 4.
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 5.
READ mode AC waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 6.
WRITE enable controlled, WRITE mode AC waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 7.
Chip enable controlled, WRITE mode AC waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 8.
Supply voltage protection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 9.
AC measurement load circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 10.
Power down/up mode AC waveforms. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 11.
PCDIP28 – 28-pin plastic DIP, battery CAPHAT™, package outline . . . . . . . . . . . . . . . . . 17
Figure 12.
SOH28 – 28-lead plastic small outline, battery SNAPHAT®, pack. outline. . . . . . . . . . . . . 18
Figure 13.
SH – 4-pin SNAPHAT® housing for 48 mAh battery, package outline . . . . . . . . . . . . . . . . 19
Figure 14.
SH – 4-pin SNAPHAT® housing for 120 mAh battery, package outline . . . . . . . . . . . . . . . 20
Figure 15.
Recycling symbols . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com