Electronic Components Datasheet Search
  English  ▼

X  

MAX5167LECM Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5167LECM
Description  32-Channel Sample/Hold Amplifier with Output Clamping Diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5167LECM Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5167LECM Datasheet HTML 1Page - Maxim Integrated Products MAX5167LECM Datasheet HTML 2Page - Maxim Integrated Products MAX5167LECM Datasheet HTML 3Page - Maxim Integrated Products MAX5167LECM Datasheet HTML 4Page - Maxim Integrated Products MAX5167LECM Datasheet HTML 5Page - Maxim Integrated Products MAX5167LECM Datasheet HTML 6Page - Maxim Integrated Products MAX5167LECM Datasheet HTML 7Page - Maxim Integrated Products MAX5167LECM Datasheet HTML 8Page - Maxim Integrated Products MAX5167LECM Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
32-Channel Sample/Hold Amplifier
with Output Clamping Diodes
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +10.0V, VSS = -5.0V, VL = +5.0V ±5%, AGND = DGND = 0, RL = 5k
Ω, CL = 50pF, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to AGND.......................................................-0.3V to +11.0V
VSS to AGND .........................................................-6.0V to +0.3V
VDD to VSS ......................................................................+15.75V
VL to DGND ...........................................................-0.3V to +6.0V
VL to AGND ...........................................................-0.3V to +6.0V
DGND to AGND.....................................................-0.3V to +2.0V
IN, OUT_ ....................................................................VSS to VDD
Logic Inputs to DGND ...........................................-0.3V to +6.0V
CH, CL to AGND ..................................................-6.0V to +11.0V
Maximum Current into CL and CH ..................................± 80mA
Maximum Current into Out_.............................................± 10mA
Maximum Current into Logic Inputs ................................± 20mA
Continuous Power Dissipation (TA = +70°C)
48-Pin TQFP (derate 12.5mW/°C above +70°C)........1000mW
Operating Temperature Ranges
MAX5167_CCM ..................................................0°C to +70°C
MAX5167_ECM................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Figure 2 (Note1)
IN = AGND
To ±1mV of final value Figure 2 (Note1)
100mV step to ±1mV,
RL =
∞, Figure 2
-4.0V < VIN < +7V RL =
∞
8V step to 0.08%,
RL =
∞, Figure 2
RL =
∞,
CL = 250pF
(Note 1)
VIN = 0, sample mode
VIN = 0, sample mode
8V step with 500ns
rising edge (Note 1)
MAX5167N
IN = AGND
IN = AGND
+15°C
≤ TA ≤ +65°C (Note 1)
TA = +25°C
RL =
∞
TA = +25°C
CONDITIONS
ns
200
tAP
Aperture Delay
µs
12
tH
Hold Mode Settling Time
1
µs
2.5
4
tAQ
Acquisition Time
V
VSS
VDD
VCL
Output Clamp Low
V
VSS
VDD
VCH
Output Clamp High
mA
2
ISINK
Output Sink Current
mA
2
ISOURCE
Output Source Current
700
1000
1300
350
500
650
ROUT_
mV
0.25
1.00
VHS
Hold Step
%
0.01
0.08
Linearity Error
Ω
35
50
65
DC Output Impedance
pF
10
20
CIN
Input Capacitance
MAX5167M
-72
-76
MAX5167L
dB
-72
-76
Analog Crosstalk
mV/s
140
Droop Rate
mV
-30
-5
+30
VOS
Offset Voltage
µV/°C
20
40
CL = 250pF for
MAX5167L
CL = 10nF for
MAX5167M/67N
V
VSS +VDD -
0.75
2.4
VOUT_
Output Voltage Range
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
TA = +25°C
TA = +25°C
ANALOG SECTION
TIMING PERFORMANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com