Electronic Components Datasheet Search
  English  ▼

X  

STFW3N150 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STFW3N150
Description  N-channel 1500 V, 6 Ω, 2.5 A, PowerMESH??Power MOSFET in TO-220, TO-247, TO-3PF
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFW3N150 Datasheet(HTML) 1 Page - STMicroelectronics

  STFW3N150_10 Datasheet HTML 1Page - STMicroelectronics STFW3N150_10 Datasheet HTML 2Page - STMicroelectronics STFW3N150_10 Datasheet HTML 3Page - STMicroelectronics STFW3N150_10 Datasheet HTML 4Page - STMicroelectronics STFW3N150_10 Datasheet HTML 5Page - STMicroelectronics STFW3N150_10 Datasheet HTML 6Page - STMicroelectronics STFW3N150_10 Datasheet HTML 7Page - STMicroelectronics STFW3N150_10 Datasheet HTML 8Page - STMicroelectronics STFW3N150_10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
June 2010
Doc ID 13102 Rev 9
1/15
15
STFW3N150
STP3N150, STW3N150
N-channel 1500 V, 6
Ω, 2.5 A, PowerMESH™ Power MOSFET
in TO-220, TO-247, TO-3PF
Features
■ 100% avalanche tested
■ Intrinsic capacitances and Qg minimized
■ High speed switching
■ Fully isolated TO-3PF plastic package
■ Creepage distance path is 5.4 mm (typ.) for
TO-3PF
Application
Switching applications
Description
Using the well consolidated high voltage MESH
OVERLAYTM process, STMicroelectronics has
designed an advanced family of very high voltage
Power MOSFETs with outstanding performances.
The strengthened layout coupled with the
company’s proprietary edge termination structure,
gives the lowest RDS(on) per area, unrivalled gate
charge and switching characteristics.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max.
ID
PTOT
STFW3N150
STP3N150
STW3N150
1500 V
1500 V
1500 V
< 9
Ω
< 9
Ω
< 9
Ω
2.5 A
2.5 A
2.5 A
63 W
140 W
140 W
TO-220
1
2
3
TO-247
1
2
3
1
2
3
TO-3PF
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STFW3N150
3N150
TO-3PF
Tube
STP3N150
3N150
TO-220
Tube
STW3N150
3N150
TO-247
Tube
www.st.com


Similar Part No. - STFW3N150_10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STFW3N150 STMICROELECTRONICS-STFW3N150_V01 Datasheet
677Kb / 22P
N-channel 1500 V, 2.5 A, 6 Ω typ., PowerMESH Power MOSFETs in TO-3PF, H2PAK-2, TO-220 and TO247 packages
12-May-2020
More results

Similar Description - STFW3N150_10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF820 STMICROELECTRONICS-IRF820 Datasheet
92Kb / 8P
N - CHANNEL 500V - 2.5ohm - 2.5 A - TO-220 PowerMESH] MOSFET
Aug-1998
STFV4N150 STMICROELECTRONICS-STFV4N150_08 Datasheet
459Kb / 16P
N-channel 1500 V - 5 廓 - 4 A - PowerMESH??Power MOSFET TO-220 - TO-220FH - TO-247 - TO-3PF
09-Apr-2008
STFV3N150 STMICROELECTRONICS-STFV3N150 Datasheet
484Kb / 16P
N-channel 1500 V, 6 Ω, 2.5 A, PowerMESH??Power MOSFET
13-Feb-2009
STFW4N150 STMICROELECTRONICS-STFW4N150_09 Datasheet
762Kb / 15P
N-channel 1500 V, 5 Ω, 4 A, PowerMESH??Power MOSFET in TO-220, TO-247, TO-3PF
23-Jul-2009
STP6N120K3 STMICROELECTRONICS-STP6N120K3 Datasheet
798Kb / 17P
N-channel 1200 V, 1.95 Ω typ., 6 A SuperMESH3??Power MOSFET in TO-3PF, TO-220 and TO-247 packages
14-Nov-2012
STFW6N120K3 STMICROELECTRONICS-STFW6N120K3 Datasheet
798Kb / 17P
N-channel 1200 V, 1.95 Ohm typ., 6 A SuperMESH3 Power MOSFET in TO-3PF, TO-220 and TO-247 packages
14-Nov-2012
STFW3N150 STMICROELECTRONICS-STFW3N150_V01 Datasheet
677Kb / 22P
N-channel 1500 V, 2.5 A, 6 Ω typ., PowerMESH Power MOSFETs in TO-3PF, H2PAK-2, TO-220 and TO247 packages
12-May-2020
STFW8N120K5 STMICROELECTRONICS-STFW8N120K5 Datasheet
302Kb / 12P
N-channel 1200 V, 1.65 Ω typ., 6 A, MDmesh K5 Power MOSFET in a TO-3PF package
02-Jul-2018
STW3N170 STMICROELECTRONICS-STW3N170 Datasheet
740Kb / 14P
N-channel 1700 V, 7 Ω typ., 2.6 A PowerMESH™ Power MOSFETs in TO-247 and TO-247 long leads packages
14-Sep-2015
STWA3N170 STMICROELECTRONICS-STWA3N170 Datasheet
740Kb / 14P
N-channel 1700 V, 7 Ω typ., 2.6 A PowerMESH™ Power MOSFETs in TO-247 and TO-247 long leads packages
14-Sep-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com