Electronic Components Datasheet Search
  English  ▼

X  

EMSA180100 Datasheet(PDF) 3 Page - CUI INC

Part # EMSA180100
Description  SWITCHING POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

EMSA180100 Datasheet(HTML) 3 Page - CUI INC

  EMSA180100 Datasheet HTML 1Page - CUI INC EMSA180100 Datasheet HTML 2Page - CUI INC EMSA180100 Datasheet HTML 3Page - CUI INC EMSA180100 Datasheet HTML 4Page - CUI INC EMSA180100 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
a division of CUI INC
date
page
SERIES:
DESCRIPTION:
09/2010
3 of 5
SWITCHING POWER SUPPLY
EMSA 18W
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.v-infinity.com
MECHANICAL DRAWING
input plug
multi-blade
(UL, VDE, UK, SAA, CCC)
weight
167 g
case size
74 L x 43.5 W x 35.3 H mm
tolerance: ±1 mm
EMS-CC
EMS-EU
EMS-UK
EMS-AU
EMS-US
DC CORD
22 AWG
EMSA240070
22 AWG
22 AWG
20 AWG
EMSA200090
EMSA180100
EMSA150120
20 AWG
EMSA120150
20 AWG
18 AWG
18 AWG
EMSA090200
EMSA060300
EMSA050300
Cable Gauge
Black wire, white stripe: Positive



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com