Electronic Components Datasheet Search
  English  ▼

X  

NZ2016S Datasheet(PDF) 1 Page - NXP Semiconductors

Part # NZ2016S
Description  For OA, AV, and short-range wireless
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NZ2016S Datasheet(HTML) 1 Page - NXP Semiconductors

  NZ2016S Datasheet HTML 1Page - NXP Semiconductors NZ2016S Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
cc08_081201_NZ2016SA_50_e
NZ2016SA Frequency stability of ±50 x 10–6.
n Model name
n Application
Absolute maximum rating
Power supply voltage (VDD) –0.5 to +4.0 V
Storage temperature range –55 to +125 °C
+3.3 V, 25 °C
+3.3 V, 25 °C
During operation
During standby
Output level
Frequency range *1
Operating temperature range *2
Frequency Stability
Current
consumption
max
VOL max/VOH min
Tr max/Tf max
Duty Cycle min. to max.
Load (CL) max
Oscillation start time max
Standby function
C–MOS
1.5 ≤ F < 10 10 ≤ F < 20 20 ≤ F < 30 30 ≤ F < 40 40 ≤ F < 50 50 ≤ F < 60 60 ≤ F < 70 70 ≤ F ≤ 80
–40 to +85
±50
3.5
4.5
5.0
5.5
6.0
7.0
8.0
9.0
10
0.1 VDD/0.9 VDD
5/5
45 to 55
15
4
Available (tristate)
(MHz)
(°C)
(×10–6)
(mA)
(μA)
(V)
(ns)
(%)
(pF)
(ms)
Item
Model
NZ2016SA
*1: If you require a product with a frequency not given above, please contact us.
*2: If you require a product with an operating temperature range not given above, please contact us.
Pb
Free
n Specifications
n Features
l Ultra-compact and light. Dimensions and weight: 2.0 x 1.6 mm, 0.7 mm, and
0.01 g.
l Power supply voltage of +3.3 V ideal for low-power and power-saving type
products.
l Seam sealing gives high reliability.
l Wide frequency range: 1.5 to 80 MHz.
l Automatic mounting by taping and IR reflow (lead-free) are possible.
l For mobile camera module, DVC, DSC, notebook PC, and PDA
n List of Codes for Placing an Order
NSA3442F
List of Codes for Placing an Order
(V)
Power supply voltage [VDD]
+3.3±0.33
Crystal Clock Oscillator NEW
For OA, AV, and short-range wireless
NZ2016S Series


Similar Part No. - NZ2016S

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NZ2016SD NDK-NZ2016SD Datasheet
828Kb / 2P
Low Phase Noise Type
NZ2016SD NDK-NZ2016SD Datasheet
915Kb / 2P
Low Phase Noise Type
NZ2016SD NDK-NZ2016SD_18 Datasheet
915Kb / 2P
Low Phase Noise Type
NZ2016SF NDK-NZ2016SF Datasheet
761Kb / 2P
Ultralow Power-Driven Type
NZ2016SF NDK-NZ2016SF Datasheet
858Kb / 2P
Ultralow Power-Driven Type
More results

Similar Description - NZ2016S

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NX2016AA NDK-NX2016AA Datasheet
88Kb / 1P
Crystal Units For OA / AV/ Short-range Wireless
NX2520SA NDK-NX2520SA Datasheet
88Kb / 1P
Crystal Units For OA / AV/ Short-range Wireless
NX1612SA NDK-NX1612SA Datasheet
662Kb / 1P
For OA / AV / Short-range Wireless
NX2016SA NDK-NX2016SA Datasheet
667Kb / 1P
For OA / AV/ Short-range Wireless
NX2520SA NDK-NX2520SA_15 Datasheet
775Kb / 1P
For OA / AV Mobile Communications/ Short-range Wireless
NX3225SA NDK-NX3225SA_15 Datasheet
698Kb / 1P
For OA / AV Mobile Communications/ Short-range Wireless
NX2016SA NDK-NX2016SA_17 Datasheet
683Kb / 1P
For OA / AV/ Short-range Wireless
NX1612SA_18 NDK-NX1612SA_18_03 Datasheet
691Kb / 1P
For OA / AV / Short-range Wireless
NX1210AB NDK-NX1210AB_18 Datasheet
768Kb / 1P
For OA / AV / Short-range Wireless
NX1008AA NDK-NX1008AA Datasheet
778Kb / 1P
For OA / AV / Short-range Wireless
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com