Electronic Components Datasheet Search
  English  ▼

X  

M48T08 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M48T08
Description  5 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T08 Datasheet(HTML) 5 Page - STMicroelectronics

  M48T08 Datasheet HTML 1Page - STMicroelectronics M48T08 Datasheet HTML 2Page - STMicroelectronics M48T08 Datasheet HTML 3Page - STMicroelectronics M48T08 Datasheet HTML 4Page - STMicroelectronics M48T08 Datasheet HTML 5Page - STMicroelectronics M48T08 Datasheet HTML 6Page - STMicroelectronics M48T08 Datasheet HTML 7Page - STMicroelectronics M48T08 Datasheet HTML 8Page - STMicroelectronics M48T08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
M48T08, M48T08Y, M48T18
Description
Doc ID 2411 Rev 10
5/31
1
Description
The M48T08/18/08Y TIMEKEEPER® RAM is an 8 K x 8 non-volatile static RAM and real-
time clock which is pin and function compatible with the DS1643. The monolithic chip is
available in two special packages to provide a highly integrated battery-backed memory and
real-time clock solution.
The M48T08/18/08Y is a non-volatile pin and function equivalent to any JEDEC standard
8 K x 8 SRAM. It also easily fits into many ROM, EPROM, and EEPROM sockets, providing
the non-volatility of PROMs without any requirement for special WRITE timing or limitations
on the number of WRITEs that can be performed.
The 28-pin, 600 mil DIP CAPHAT™ houses the M48T08/18/08Y silicon with a quartz crystal
and a long-life lithium button cell in a single package.
The 28-pin, 330 mil SOIC provides sockets with gold-plated contacts at both ends for direct
connection to a separate SNAPHAT® housing containing the battery and crystal. The unique
design allows the SNAPHAT® battery package to be mounted on top of the SOIC package
after the completion of the surface mount process. Insertion of the SNAPHAT® housing after
reflow prevents potential battery and crystal damage due to the high temperatures required
for device surface-mounting. The SNAPHAT® housing is keyed to prevent reverse insertion.
The SOIC and battery/crystal packages are shipped separately in plastic anti-static tubes or
in tape & reel form. For the 28-lead SOIC, the battery/crystal package (e.g., SNAPHAT®)
part number is “M4T28-BR12SH” or “M4T32-BR12SH”.
Figure 1.
Logic diagram
AI01020
13
A0-A12
W
DQ0-DQ7
VCC
M48T08
M48T08Y
M48T18
G
E2
VSS
8
E1
INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com