Electronic Components Datasheet Search
  English  ▼

X  

L9951 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L9951
Description  Rear door actuator driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9951 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L9951_10 Datasheet HTML 21Page - STMicroelectronics L9951_10 Datasheet HTML 22Page - STMicroelectronics L9951_10 Datasheet HTML 23Page - STMicroelectronics L9951_10 Datasheet HTML 24Page - STMicroelectronics L9951_10 Datasheet HTML 25Page - STMicroelectronics L9951_10 Datasheet HTML 26Page - STMicroelectronics L9951_10 Datasheet HTML 27Page - STMicroelectronics L9951_10 Datasheet HTML 28Page - STMicroelectronics L9951_10 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
L9951 / L9951XP
Functional description of the SPI
Doc ID 14173 Rev 8
25/36
11
Current monitor
select bits
Following current image
(1/10.000) of the HS driver
will be multiplexed to CM
output:
Temperature
warning
This bit is for information
purpose only. It can be used
for a thermal management by
the microcontroller to avoid a
thermal shutdown.
10
Not ready bit
After switching the device from
standby mode to active mode
an internal timer is started to
allow charge pump to settle
before the outputs can be
activated. This bit is cleared
automatically after start up
time has finished. Since this bit
is controlled by internal clock it
can be used for synchronizing
testing events (e.g. measuring
filter times).
9
0
Not used
8
OUT5 - HS
on/off
If a bit is set the selected
output driver is switched on.
If the corresponding PWM
enable bit is set (Input
Register 1) the driver is only
activated if PWM input
signal is high. The outputs of
OUT1-OUT3 are half
bridges. If the bits of HS-
and LS-driver of the same
half bridge are set, the
internal logic prevents that
both drivers of this output
stage can be switched on
simultaneously in order to
avoid a high internal current
from VS to GND.
OUT5-HS
over - current
In case of an over-current
event the corresponding status
bit is set and the output driver
is disabled. If the over-current
recovery enable bit is set
(Input Register 1) the output
will be automatically
reactivated after a delay time
resulting in a PWM modulated
current with a programmable
duty cycle (Bit 13).
If the over-current recovery bit
is not set the microcontroller
has to clear the over-current bit
(reset bit) to reactivate the
output driver.
7
OUT4 - HS
on/off
OUT4-HS
over - current
6
OUT3 - HS
on/off
OUT3-HS
over - current
5
OUT3 - LS
on/off
OUT3-LS
over - current
4
OUT2 - HS
on/off
OUT2-HS
over - current
3
OUT2 - LS
on/off
OUT2-LS
over - current
2
OUT1 - HS
on/off
OUT1-HS
over - current
1
OUT1 - LS
on/off
OUT1-LS
over - current
0
0
No error bit
A logical NOR-combination of
all bits 1 to 14 in both status
registers. If bit 14 (disable
open-load) is set, the open-
load status will be ignored.
Table 19.
SPI - Input data and status register 0 (continued)
Input register 0 (write)
Status register 0 (read)
Bit
Name
Comment
Name
Comment
Bit 11 Bit 10 Bit 9
Output
000
OUT1
001
OUT2
010
OUT3
011
OUT4
100
OUT5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com