Electronic Components Datasheet Search
  English  ▼

X  

NISC-2345 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # NISC-2345
Description  Portable, Shielded SCC Module Carriers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NISC-2345 Datasheet(HTML) 1 Page - National Instruments Corporation

  NISC-2345 Datasheet HTML 1Page - National Instruments Corporation NISC-2345 Datasheet HTML 2Page - National Instruments Corporation NISC-2345 Datasheet HTML 3Page - National Instruments Corporation NISC-2345 Datasheet HTML 4Page - National Instruments Corporation NISC-2345 Datasheet HTML 5Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Overview
The National Instruments SC-2345 Series consists of two types of
carriers, the NI SC-2345 connector block and the SC-2345 with
configurable connectors. The SC-2350 is a similar carrier with
configurable TEDS (Transducer Electronic Data Sheet) connectors
for connecting to smart TEDS sensors. These enclosures for SCC
signal conditioning modules connect directly to 68-pin DAQ devices.
They include sockets for SCC modules, along with screw terminals
for convenient connection to digital I/O and counter/time (GPCTR)
signals from the DAQ device. These carriers offer three power
options to increase the flexibility of deployment.
SC-2345 Connector Block
The SC-2345 includes 20 SCC sockets, labeled J1 through J20 (see Figure
1). Sockets J1 through J8 accommodate SCC modules for conditioning
signals on the analog input channels of the DAQ device. For example, an
SCC module plugged into socket J1 conditions signals for channels 0 and
8 of the device.
You can use sockets J9 through J16 for either digital I/O modules or
dual-stage analog input conditioning. When using dual-stage
conditioning of analog inputs (for applicable modules only in the
SC-2345 series carriers), wire your input signal to the first-stage module
(in sockets J9 through J16). The SC-2345 routes the output signal of the
first-stage SCC module to the input of the second stage SCC module
internally (see Figure 2). When using sockets J9 through J16 for digital
I/O, simply plug in a digital SCC module or the SCC-FT01 for custom
digital applications. You can use any combination of SCC digital input or
digital output modules. The digital I/O lines of E Series or Basic
multifunction DAQ devices are configurable for input and output on a
line-by-line basis. You can also access the DIO lines of the DAQ device
using the screw terminal block.
Sockets J17 through J20 access the two analog output channels and
the GPCTR channels 0 and 1.
•Accept up to 20 SCC modules
•Portable, low-profile packaging
•Cable directly to an E Series or
Basic multifunction device
•Powered by DAQ device
(additional power options available)
SC-2345 Connector Block
• Screw terminal connectivity
SC-2345 with
Configurable Connectors
•Panelettes for sensor connectivity,
control, and display
•Blank panelettes for filler
SC-2350 with Configurable
TEDS Connectors
•Accepts up to 16 channels of
TEDS Class II smart sensors
•Panelettes for sensor connectivity
Operating Systems
•Windows 2000/NT/XP
Recommended Software
• LabVIEW™
• LabWindows™/CVI™
•Measurement Studio™
•Lookout
• VI Logger
Other Compatible Software
•Visual Basic
• C/C++, C#
Measurement Services Software
• NI-DAQ 7
NI SC-2345 Series, NI SC-2350
Portable, Shielded SCC Module Carriers
Analog SCC
Connected to J1
Inputs
Second Stage
Analog SCC
Connected to J1
First Stage
Analog SCC
Connected to J9
Inputs
Signals routed to
the second stage
SCC internally
B. Dual-Stage Analog Input
SCC Configuration
A. Single-Stage Analog Input
SCC Configuration
Figure 2. Single-Stage and Dual-Stage Analog Input SCC Configuration for the
SC-2345 Connector Block
Figure 1. Diagram of Socket Layouts on SC-2345 Connector Block


Similar Part No. - NISC-2345

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NISCX-1121B NI-NISCX-1121B Datasheet
582Kb / 3P
SCXI Quarter-Bridge Strain Gage Input Module
NISCXI-1100 NI-NISCXI-1100 Datasheet
199Kb / 7P
32-Channel, 짹10 V Analog Input Module
NISCXI-1120 NI-NISCXI-1120 Datasheet
91Kb / 7P
SCXI 8-Channel Isolated Analog Input Modules
NISCXI-1122 NI-NISCXI-1122 Datasheet
174Kb / 9P
SCXI Isolated Universal Input Modules
NISCXI-1126 NI-NISCXI-1126 Datasheet
83Kb / 6P
SCXI 8-Channel Isolated Frequency Input Module
More results

Similar Description - NISC-2345

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82530 INTEL-82530 Datasheet
1Mb / 32P
SERIAL COMMUNICATIONS CONTROLLER (SCC)
logo
National Instruments Co...
777459-03 NI-777459-03 Datasheet
4Mb / 17P
SCC Configuration Guide
logo
Wurth Elektronik GmbH &...
744282100 WURTH-744282100 Datasheet
261Kb / 2P
Stromkompensierter SMD Line Filter WE-SCC
logo
Weidmuller
0206160000 WEIDMULLER-0206160000 Datasheet
744Kb / 20P
Component Carriers and Housings
0266160000 WEIDMULLER-0266160000 Datasheet
733Kb / 20P
Component Carriers and Housings
0336400000 WEIDMULLER-0336400000 Datasheet
52Kb / 1P
Component Carriers and Housings
0336500000 WEIDMULLER-0336500000 Datasheet
48Kb / 1P
Component Carriers and Housings
logo
PHOENIX CONTACT
1583878 PHOENIX-1583878 Datasheet
81Kb / 3P
Contact carriers - VC-AMC 5
2901642 PHOENIX-2901642 Datasheet
972Kb / 25P
Patch panels - FL-PP-RJ45-SCC
Dec 6, 2022
logo
CamdenBoss Ltd.
CFH02 CAMDENBOSS-CFH02 Datasheet
702Kb / 1P
5x20mm PCB fuse carriers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com