Electronic Components Datasheet Search
  English  ▼

X  

BAT43WS Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # BAT43WS
Description  SCHOTTKY BARRIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BAT43WS Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  BAT43WS Datasheet HTML 1Page - EIC discrete Semiconductors BAT43WS Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAT42WS - BAT43WS
SCHOTTKY BARRIER DIODES
FEATURES :
* Low forward voltage drop
* Fast switching
* Ultra-small surface mount package
* Pb / RoHS Free
MECHANICAL DATA :
* Case : SOD-323 plastic Case
* Weight : approx. 0.004 g
* BAT42WS Marking Code : X9
* BAT43WS Marking Code : Y9
Maximum Ratings and Thermal Characteristics (Rating at 25°C ambient temperature unless otherwise specified.)
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
VRRM
30
V
Average Rectified Output Current
IO
100
mA
Continuous Forward Current
IF
200
mA
Repetitive Peak Forward Current at tp < 1 s
IFRM
500
mA
Non-repetitive Peak Forward Surge Current at tp < 10 ms
IFSM
4A
Power Dissipation
Ptot
200
mW
Thermal Resistance Junction to Ambient Air
RθJA
625
°C/W
Junction Temperature
TJ
-55 to + 125
°C
Storage temperature range
TSTG
-55 to + 125
°C
Electrical Characteristics (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage
V(BR)R
30
-
-
V
VR = 25 V
-
-
0.5
VR = 25 V , TJ = 100 °C
-
-
100
IF = 200 mA
-
-
1.00
BAT42WS
IF = 10 mA
-
-
0.40
BAT42WS
IF = 50 mA
-
-
0.65
BAT43WS
IF = 2 mA
0.26
-
0.33
BAT43WS
IF = 15 mA
-
-
0.45
Total Capacitance
CT
VR = 1 V, f = 1MHz
-
-
10
pF
IF = 10mA, IR = 10mA ,
Irr = 1mA, RL = 100 Ω
Page 1 of 2
Rev. 03 : May 8, 2006
V
IR = 100 µA (pulsed)
µA
Reverse Recovery Time
Trr
-
-
5
ns
Test Condition
Parameter
VF
IR
Forward Voltage Drop
Peak Reverse Current
2.80
2.30
1.80
1.60
Dimensions in millimeters
SOD-323
Certificate TH97/10561QM
Certificate TW00/17276EM


Similar Part No. - BAT43WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT43WS PANJIT-BAT43WS Datasheet
113Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
Diodes Incorporated
BAT43WS DIODES-BAT43WS Datasheet
65Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30100 Rev. 7 - 2
logo
Formosa MS
BAT43WS FORMOSA-BAT43WS Datasheet
84Kb / 2P
Advanced Schottky Barrier Diodes - Surface mount small signal type
logo
Jiangsu Changjiang Elec...
BAT43WS JIANGSU-BAT43WS Datasheet
135Kb / 2P
SCHOTTKY DIODES
logo
Weitron Technology
BAT43WS WEITRON-BAT43WS Datasheet
172Kb / 3P
Surface Mount Schottky Barrier Diode
More results

Similar Description - BAT43WS

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZC2800E ZETEX-ZC2800E Datasheet
104Kb / 3P
SCHOTTKY BARRIER DIODES
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
LBAT54WT1 LRC-LBAT54WT1 Datasheet
89Kb / 3P
Schottky Barrier Diodes
logo
Fairchild Semiconductor
BAS40SL FAIRCHILD-BAS40SL_10 Datasheet
108Kb / 4P
Schottky Barrier Diodes
BAS70SL FAIRCHILD-BAS70SL_10 Datasheet
109Kb / 4P
Schottky Barrier Diodes
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com