Electronic Components Datasheet Search
  English  ▼

X  

BAV21 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # BAV21
Description  SWITCHING DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BAV21 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  BAV21 Datasheet HTML 1Page - EIC discrete Semiconductors BAV21 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAV19 ~ BAV21
SWITCHING DIODES
FEATURES :
• switching speed: max. 50 ns
• For general purpose
• This diode is also available in other case styles
including: the the MiniMELF case with the type
designation BAV101 to BAV103, the SOT-23 case
with the type designation BAS19 to BAS21
* Pb / RoHS Free
MECHANICAL DATA :
Case: DO-35 Glass Case
Weight: approx. 0.13g
Maximum Ratings and Thermal Characteristics (Rating at 25
°C ambient temperature unless otherwise specified.)
Symbol
Value
Unit
BAV19
120
BAV20
200
BAV21
250
BAV19
100
BAV20
150
BAV21
200
Maximum Rectified Current (Average)
Half Wave Rectification with Resist. Load
Maximum Continuous Current
(1)
IF
mA
Maximum Power Dissipation
(1)
PD
500
mW
Maximum Repetitive Peak Forward Current
(1)
IFRM
625
mA
Maximum Non-repetitive Peak Forward Current at t = 1s
IFSM
1.0
A
Maximum Junction Temperature
(1)
TJ
175
°C
Storage Temperature Range
(1)
TS
-65 to + 175
°C
Note : (1) Valid provided that leads are kept at ambient temperature at a distance of 8mm from case.
Electrical Characteristics (T
J = 25°C unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
BAV19
VR = 100 V
-
-
100
BAV20
VR = 150 V
-
-
100
BAV21
VR = 200 V
-
-
100
Forward Voltage
VF
IF = 100 mA
-
-
1.0
V
Diode Capacitance
Cd
-
1.5
-
pF
IF = 30mA , IR = 30mA
IRR = 3mA , RL = 100 Ω
Page 1 of 2
Rev. 02 : March 25, 2005
f = 1MHz ; VR = 0
VRRM
V
VRM
V
IF(AV)
200
mA
Reverse Recovery Time
Trr
ns
50
-
-
IR
nA
250
Parameter
Reverse Current
Maximum Repetitive Peak Reverse Voltage
Maximum Continuous Reverse Voltage
Test Condition
DO - 35 Glass
(DO-204AH)
0.079(2.0 )max.
0.150 (3.8)
max.
0.020 (0.52)max.
Dimensions in inches and ( millimeters )
1.00 (25.4)
min.
1.00 (25.4)
min.
Cathode
Mark


Similar Part No. - BAV21

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV21 PHILIPS-BAV21 Datasheet
54Kb / 12P
General purpose diodes
1999 May 25
logo
Vishay Siliconix
BAV21 VISHAY-BAV21 Datasheet
129Kb / 5P
Small Signal Switching Diodes, High Voltage
20-Apr-06
logo
Fairchild Semiconductor
BAV21 FAIRCHILD-BAV21 Datasheet
36Kb / 1P
General Purpose Diodes
BAV21 FAIRCHILD-BAV21 Datasheet
148Kb / 8P
High Voltage General Purpose Diode
logo
Diodes Incorporated
BAV21 DIODES-BAV21 Datasheet
62Kb / 2P
FAST SWITCHING DIODE
DS22006 Rev. H-2
More results

Similar Description - BAV21

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA193 PANASONIC-MA193 Datasheet
99Kb / 4P
Switching Diodes
logo
Pan Jit International I...
1N4148 PANJIT-1N4148_10 Datasheet
75Kb / 2P
SWITCHING DIODES
BAV19 PANJIT-BAV19 Datasheet
70Kb / 2P
SWITCHING DIODES
logo
Micro Commercial Compon...
BAV300 MCC-BAV300 Datasheet
716Kb / 3P
Switching Diodes
logo
Shenzhen Jin Yu Semicon...
BAT54W HTSEMI-BAT54W Datasheet
328Kb / 2P
SWITCHING Diodes
logo
Rugao Dachang Electroni...
LL4148 DACHANG-LL4148 Datasheet
124Kb / 2P
Switching Diodes
logo
Shenzhen Luguang Electr...
1SS184 LUGUANG-1SS184 Datasheet
238Kb / 2P
Switching Diodes
1SS226 LUGUANG-1SS226 Datasheet
250Kb / 2P
Switching Diodes
logo
WILLAS ELECTRONIC CORP
1SS400 WILLAS-1SS400 Datasheet
514Kb / 2P
SWITCHING Diodes
logo
AiT Semiconductor Inc.
DAN202U AITSEMI-DAN202U Datasheet
459Kb / 6P
SWITCHING DIODES DUAL SWITCHING DIODES
REV1.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com