Electronic Components Datasheet Search
  English  ▼

X  

BAV21WS Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # BAV21WS
Description  SMALL SIGNAL DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BAV21WS Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  BAV21WS Datasheet HTML 1Page - EIC discrete Semiconductors BAV21WS Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES ( BAV19WS ~ BAV21WS)
Forward charecteristics
Dynamic forward resistance
versus forward current
Admissible power dissipation
Admissible forward current
versus ambient temperture
versus ambient temperture
For conditions, see footnote in table
Valid provided that electrodes are kept
"Absolute Maximum Ratings"
at ambient temperratue
Page 2 of 2
Rev. 03 : March 25, 2005
10
-2
10
-1
1
10
10
2
10
3
0
1
2 V
Tj = 100 °C
Tj = 25 °C
mA
V F
i F
10
4
10
3
10
2
10
1
2
5
2
5
2
5
2
5
10
-2
10
-1
1
10
10
2
mA
V
r F
I F
500
400
300
200
100
0
0
100
200
°C
T amb
P tot
mW
0.25
0.2
0.1
0
40
60
80
120
160 V
DC Current, IF
Io, I F
T amb
Current (rectif.) IF
0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com