Electronic Components Datasheet Search
  English  ▼

X  

USB-232 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # USB-232
Description  Serial Instrument Control Interfaces for USB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

USB-232 Datasheet(HTML) 1 Page - National Instruments Corporation

  USB-232 Datasheet HTML 1Page - National Instruments Corporation USB-232 Datasheet HTML 2Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Serial Instrument Control
Interfaces for USB
Overview
The National Instruments USB-232 and USB-485 transform your
Universal Serial Bus (USB) port into asynchronous serial ports for
communication with serial devices. The NI USB-232 and USB-485
are available in either 1, 2, or 4-port versions and use standard
RS-232, RS-422, or RS-485 communications. All products include
driver software for Windows 2000/XP. You can install and use the
USB-232 and USB-485 as standard serial ports from your existing
applications or with applications written with NI-VISA.
Additionally, the USB-232 2 and 4-port
versions feature software-selectable
DTE or DCE transceiver modes, as well
as an automatic transceiver detection
mode, or Auto232. The USB-485
features software selectable biasing;
therefore, you can turn biasing on and
off for each port through software.
Development environments, such as
Visual Basic, Visual C++, and Excel, as
well as National Instruments LabVIEW, LabWindows/CVI and
Measurement Studio, can access the serial ports using standard
serial I/O functions.
• Compatible with standard PC
serial port
• 1, 2, and 4-port versions
• Handle RTS/CTS hardware
handshake lines
• 128 B transmit and receive FIFOs
• 5,6,7, or 8 data bits
NI USB-485
• RS-485 or RS-422 interface
• 460.8 kb/s maximum transfer rate
• Communicates with up to
31 devices
• Automatic transceiver-control
mode for 2-wire RS-485 devices
• Software-selectable biasing
• Cable lengths up to 1.2 km
(4,000 ft)
NI USB-232
• RS-232 interface
• 230.4 kb/s maximum transfer rate
• Software-selectable DTE or DCE
transceiver modes (2 and 4-port
models only)
Operating Systems
Windows 2000/XP
Recommended Software
• LabVIEW™
• LabWindows™/CVI™
• Measurement Studio™
Other Compatible Software
• C/C++
•Visual Basic
• Any package with the
Microsoft serial driver interface
Driver Software (included)
• NI-Serial
INFO CODES
For more information
or to order products
online, visit ni.com/info
and enter:
usb232
usb485
BUY ONLINE!
New
Ordering Information
*External 12 VDC power supply included
P = Power Cord Type
0 = U.S. 120 VAC
4 = Universal Euro 240 VAC
2 = Swiss 220 VAC
5 = North American 240 VAC
3 = Australian 240 VAC
6 = United Kingdom 240 VAC
Number
Part
Model
Serial Port
of Ports
Number
NI USB-232
RS-232
1
778472-01
NI USB-232/2
RS-232
2
778473-02
NI USB-232/4
RS-232
4
778473-04
NI USB-485
RS-485/RS-422
1
778475-01
NI USB-485/2
RS-485/RS-422
2
778476-02
NI USB-485/4
RS-485/RS-422
4
778476-P4*
FIFO size ................................................. 128 B
Maximum transfer rate............................ 460.8 kb/s (RS-485); 230.4 kb/s (RS-232)
USB connector (1 port) ............................ captive cable with USB series A plug
USB connector (2 and 4 port) .................. USB standard series B connector
Serial connectors...................................... DB-9
Noise emissions ....................................... Class A
Power Requirements
5 VDC (from USB) ........................................ USB-232 (100 mA typ, 200 mA max),
USB-232/2 (200 mA typ, 500 mA max),
USB-232/4 (300 mA typ, 500 mA max),
USB-485 (175 mA typ, 500 mA max)
USB-485/2 (300 mA typ, 500 mA max),
+12 VDC (from supply furnished)............ USB-485/4 (225 mA typ, 500 mA max)
Operating Environment
Ambient temperature............................... 0 to 70 °C
Relative humidity...................................... 10 to 90%, noncondensing
Storage Environment
Ambient temperature (1 port).................. -40 to 80 °C
Ambient temperature (2 and 4 port)........ -40 to 85 °C
Relative humidity...................................... 10 to 90%, noncondensing
Electrostatic Discharge Protection
Case contact and air discharge................ ±4 kV
RS-232 and RS-435 data lines ................. ±15 kV (HBM)
Specifications
NI USB-232 Series, NI USB-485 Series


Similar Part No. - USB-232

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
USB-232TTLMOS COOLGEAR-USB-232TTLMOS Datasheet
126Kb / 3P
USB to RS232 TTL
USB-232TTLMOS-IS COOLGEAR-USB-232TTLMOS-IS Datasheet
125Kb / 3P
USB to RS232 Isolated TTL
More results

Similar Description - USB-232

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
USB3-B-S-F-TH SAMTEC-USB3-B-S-F-TH Datasheet
615Kb / 1P
USB 3.0 INTERFACES
logo
List of Unclassifed Man...
450-1425 ETC2-450-1425 Datasheet
125Kb / 1P
Instrument Control Knobs
450-1755 ETC2-450-1755 Datasheet
182Kb / 1P
Instrument Control Knob
450-2518 ETC2-450-2518 Datasheet
90Kb / 1P
Instrument Control Knobs
450-3618 ETC2-450-3618 Datasheet
132Kb / 1P
Instrument Control Knobs
450-4660 ETC2-450-4660 Datasheet
80Kb / 1P
Instrument Control Knobs
450-AE181 ETC2-450-AE181 Datasheet
201Kb / 2P
Instrument Control Knobs
450-MPN71 ETC2-450-MPN71 Datasheet
192Kb / 2P
Instrument Control Knobs
logo
Keysight Technologies
W1138A KEYSIGHT-W1138A Datasheet
1Mb / 14P
GPIB, USB and Instrument Control for easy PC-to-Instrument Connections
logo
List of Unclassifed Man...
88980110 ETC2-88980110 Datasheet
408Kb / 1P
USB interfaces
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com